Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC-II Datasheet(PDF) 2 Page - Coherent Corp

Part # CPC-II
Description  Compact Pulse Compressor for Vitara
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

CPC-II Datasheet(HTML) 2 Page - Coherent Corp

  CPC-II Datasheet HTML 1Page - Coherent Corp CPC-II Datasheet HTML 2Page - Coherent Corp CPC-II Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CPC-II Datasheet
Typical Compressed Pulse Width
from Vitara-T with CPC-II
Typical Compressed Pulse Width
from Vitara-T with CPC-II
(pulse measured using FC Spider)
TYPICAL PERFORMANCE DATA
SPECIFICATIONS1
CPC-II
Typical GDD Compensation Range (fs2) (±10%)
-440 to -2640
Course GDD Tuning Step Size (fs2)
10 steps of approx. -220
Fine GDD Tuning (fs2)
Continuous over approx. +400
Transmission Efficiency (%)
>75
Input Wavelength Range (nm)
700 to 900
Input Bandwidth (nm)
≤125
Typical Output Pulse Length2 when used with Vitara-T3 (fs)
for 100 nm bandwidth
for 50 nm bandwidth
for 30 nm bandwidth
<15
<25
<40
Input Beam Diameter (mm)
~2
1 Subject to change without notice.
2 Assumes an autocorrelation deconvolution factor of 0.65.
3 Pulse length and bandwidth defined at FWHM.
Time (fs)
0
-50
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40-30 -20-10
01020304050
Bandwidth FWHM (nm)
0
60
2
4
6
8
10
12
14
16
18
20
70
80
90
100110 120130 140150



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com