Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE16 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M25PE16
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE16 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M25PE16 Datasheet HTML 2Page - STMicroelectronics M25PE16 Datasheet HTML 3Page - STMicroelectronics M25PE16 Datasheet HTML 4Page - STMicroelectronics M25PE16 Datasheet HTML 5Page - STMicroelectronics M25PE16 Datasheet HTML 6Page - STMicroelectronics M25PE16 Datasheet HTML 7Page - STMicroelectronics M25PE16 Datasheet HTML 8Page - STMicroelectronics M25PE16 Datasheet HTML 9Page - STMicroelectronics M25PE16 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Description
M25PE16
6/56
1
Description
The M25PE16 is a 16 Mbit (2 Mb × 8) Serial Paged Flash memory accessed by a high
speed SPI-compatible bus.
The memory can be written or programmed 1 to 256 Bytes at a time, using the Page Write
or Page Program instruction. The Page Write instruction consists of an integrated Page
Erase cycle followed by a Page Program cycle.
The memory is organized as 32 sectors that are further divided up into 16 subsectors each
(512 subsectors in total). Each sector contains 256 pages and each subsector contains 16
pages. Each page is 256 Bytes wide. Thus, the whole memory can be viewed as consisting
of 8192 pages, or 2,097,152 Bytes.
The memory can be erased a page at a time, using the Page Erase instruction, a subsector
at a time, using the SubSector Erase instruction, a sector at a time, using the Sector Erase
instruction, or as a whole, using the Bulk Erase instruction.
The memory can be Write Protected by either Hardware or Software using mixed volatile
and non-volatile protection features, depending on the application needs. The protection
granularity is of 64 Kbytes (sector granularity).
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages.
ECOPACK® packages are Lead-free and RoHS compliant.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com