Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0802008 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 0802008
Description  EMLP 30 (45X10)R YE CUS - Plastic label with drill hole
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802008 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  0802008 Datasheet HTML 1Page - PHOENIX CONTACT 0802008 Datasheet HTML 2Page - PHOENIX CONTACT 0802008 Datasheet HTML 3Page - PHOENIX CONTACT 0802008 Datasheet HTML 4Page - PHOENIX CONTACT 0802008 Datasheet HTML 5Page - PHOENIX CONTACT 0802008 Datasheet HTML 6Page - PHOENIX CONTACT 0802008 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Shelf life
12 months
Dimensions
Width
46 mm
Length
46 mm
Hole diameter
30.00 mm
Text field
Text field width
45 mm
Text field height
10 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
EMLP 30 (45X10)R YE CUS - Plastic label with drill
hole
0802008
https://www.phoenixcontact.com/us/products/0802008
Jun 23, 2025, 12:31AM
Page 5 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com