Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE16-VMP6TG Datasheet(PDF) 20 Page - STMicroelectronics

Part # M25PE16-VMP6TG
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE16-VMP6TG Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M25PE16-VMP6TG Datasheet HTML 16Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 17Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 18Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 19Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 20Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 21Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 22Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 23Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Instructions
M25PE16
20/56
6
Instructions
All instructions, addresses and data are shifted in and out of the device, most significant bit
first.
Serial Data Input (D) is sampled on the first rising edge of Serial Clock (C) after Chip Select
(S) is driven Low. Then, the one-Byte instruction code must be shifted in to the device, most
significant bit first, on Serial Data Input (D), each bit being latched on the rising edges of
Serial Clock (C).
The instruction set is listed in Table 5.
Every instruction sequence starts with a one-Byte instruction code. Depending on the
instruction, this might be followed by address Bytes, or by data Bytes, or by both or none.
In the case of a Read Data Bytes (READ), Read Data Bytes at Higher Speed (Fast_Read),
Read Identification (RDID), Read Status Register (RDSR), or Read Lock Register (RDLR)
instruction, the shifted-in instruction sequence is followed by a data-out sequence. Chip
Select (S) can be driven High after any bit of the data-out sequence is being shifted out.
In the case of a Page Write (PW), Page Program (PP), Write to Lock Register (WRLR),
Page Erase (PE), Sector Erase (SE), SubSector Erase (SSE), Bulk Erase (BE), Write
Status Register (WRSR), Write Enable (WREN), Write Disable (WRDI), Deep Power-down
(DP) or Release from Deep Power-down (RDP) instruction, Chip Select (S) must be driven
High exactly at a Byte boundary, otherwise the instruction is rejected, and is not executed.
That is, Chip Select (S) must driven High when the number of clock pulses after Chip Select
(S) being driven Low is an exact multiple of eight.
All attempts to access the memory array during a Write cycle, Program cycle or Erase cycle
are ignored, and the internal Write cycle, Program cycle or Erase cycle continues
unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com