Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6208 Datasheet(PDF) 2 Page - NANJING CHIPOWER ELECTRONICS INC.

Part # CE6208
Description  Ultra-Fast High PSRR 1A CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Direct Link  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.

CE6208 Datasheet(HTML) 2 Page - NANJING CHIPOWER ELECTRONICS INC.

  CE6208 Datasheet HTML 1Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 2Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 3Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 4Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 5Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 6Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 7Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 8Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 9Page - NANJING CHIPOWER ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
V1.1
2 (11)
Ultra-Fast High PSRR 1A CMOS Voltage Regulator
CE6208 Series
PIN CONFIGURATION(Pin output sequence can be ordered by customer)
CE6208AXX(SOT-223,SOT-89-3,TO-220)
PIN NUMBER
PIN NAME
FUNCTION
SOT-223
SOT-89-3
TO-220
G
GW
GL
P
PW
PL
B
BW
BL
1
1
2
1
1
2
1
1
2
VSS
Ground
2
3
1
2
3
1
2
3
1
VIN
Power input
3
2
3
3
2
3
3
2
3
VOUT
Output
CE6208BXXP(SOT-89-5)/CE6208BXXM(SOT-23-5)
PIN NUMBER
PIN NAME
FUNCTION
SOT-23-5
SOT-89-5
3
1
CE
Chip Enable
2
2
VSS
Ground
4
3
NC
No Connection
1
4
VIN
Power input
5
5
VOUT
Output Pin
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~VSS+7
V
Output Current
IOUT
2000
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
Power
Dissipation
SOT-89
Pd
600
mW
SOT-223
Pd
800
mW
TO-220
Pd
3000
mW
SOT-23-5
Pd
250
mW
Operating Temperature
Topr
-40~+85
℃
Storage Temperature
Tstg
-40~+125
℃
Soldering Temperature
& Time
Tsolder
260℃, 10s



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com