Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB20NM50FD Datasheet(PDF) 11 Page - STMicroelectronics

Part # STB20NM50FD
Description  N-CHANNEL 500V - 0.22W - 20A TO-220/TO-220FP/D2PAK FDmesh??Power MOSFET (with FAST DIODE)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM50FD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STB20NM50FD Datasheet HTML 3Page - STMicroelectronics STB20NM50FD Datasheet HTML 4Page - STMicroelectronics STB20NM50FD Datasheet HTML 5Page - STMicroelectronics STB20NM50FD Datasheet HTML 6Page - STMicroelectronics STB20NM50FD Datasheet HTML 7Page - STMicroelectronics STB20NM50FD Datasheet HTML 8Page - STMicroelectronics STB20NM50FD Datasheet HTML 9Page - STMicroelectronics STB20NM50FD Datasheet HTML 10Page - STMicroelectronics STB20NM50FD Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11/11
STP20NM50FD - STF20NM50D - STB20NM50FD
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
© http://www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com