Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S06PM12R Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1S06PM12R
Description  Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06PM12R Datasheet(HTML) 1 Page - STMicroelectronics

  ST1S06PM12R Datasheet HTML 1Page - STMicroelectronics ST1S06PM12R Datasheet HTML 2Page - STMicroelectronics ST1S06PM12R Datasheet HTML 3Page - STMicroelectronics ST1S06PM12R Datasheet HTML 4Page - STMicroelectronics ST1S06PM12R Datasheet HTML 5Page - STMicroelectronics ST1S06PM12R Datasheet HTML 6Page - STMicroelectronics ST1S06PM12R Datasheet HTML 7Page - STMicroelectronics ST1S06PM12R Datasheet HTML 8Page - STMicroelectronics ST1S06PM12R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
April 2007
Rev. 5
1/19
19
ST1S06
Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or
adjustable, step-down switching regulator in DFN6 3x3
General features
■ Step-down current mode PWM (1.5MHz) DC-
DC converter
■ 2% DC output voltage tolerance
■ Synchronous rectification
■ Inhibit function
■ Internal soft start
■ Typical efficiency:> 90%
■ 1.5A Output current capability
■ Not switching quiescent current: max 1.5mA
over temperature range
■ RDS ON typ150mΩ
■ Uses tiny capacitors and inductors
■ Operative junction temp. -30°C to 125°C
■ Available in DFN6 3x3 exposed pad
Description
The ST1S06 is a step down DC-DC converter
optimized for powering low-voltage digital core in
HDD applications and, generally, to replace the
high current linear solution when the power
dissipation may cause an high heating of the
application environment. It provides up to 1.5A
over an input voltage range of 2.7V to 6V. An high
switching frequency (1.5MHz) allows the use of
tiny surface-mount components: as well as the
resistor divider to set the output voltage value,
only an inductor and two capacitors are required.
Besides, a low output ripple is guaranteed by the
current mode PWM topology and by the use of low
E.S.R. SMD ceramic capacitors. The device is
thermal protected and current limited to prevent
damages due to accidental short circuit. The
ST1S06 is available in DFN6 3x3 package.
www.st.com
DFN6 (3x3mm)
Order code
Part number
Packaging
Package
ST1S06PM
ST1S06PMR
DFN6 (3x3 mm)
ST1S06PU
ST1S06PUR
DFN6D (3x3 mm)
ST1S06APM
ST1S06APMR
DFN6 (3x3 mm)
ST1S06PM12
ST1S06PM12R
DFN6 (3x3 mm)
ST1S06PM33
ST1S06PM33R
DFN6 (3x3 mm)
ST1S06APU
ST1S06APUR
DFN6D (3x3 mm)
ST1S06PU12
ST1S06PU12R
DFN6D (3x3 mm)
ST1S06PU33
ST1S06PU33R
DFN6D (3x3 mm)


Similar Part No. - ST1S06PM12R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S06PU12R STMICROELECTRONICS-ST1S06PU12R Datasheet
426Kb / 20P
Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
15-Apr-2008
ST1S06PU33R STMICROELECTRONICS-ST1S06PU33R Datasheet
426Kb / 20P
Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
15-Apr-2008
ST1S06PUR STMICROELECTRONICS-ST1S06PUR Datasheet
426Kb / 20P
Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
15-Apr-2008
More results

Similar Description - ST1S06PM12R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
538Kb / 11P
1.5A, 1.5 MHZ ADJUSTABLE, STEP-DOWN SWITCHING REGULATOR IN DFN6
03-Mar-2005
ST1S03 STMICROELECTRONICS-ST1S03_07 Datasheet
342Kb / 17P
1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
29-Mar-2007
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
333Kb / 21P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
18-Mar-2008
ST1S03A STMICROELECTRONICS-ST1S03A Datasheet
280Kb / 14P
1.5A, 1.5 MHz Adjustable, with inhibit function Step-down switching regulator in DFN6 3x3
29-May-2007
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
15-Apr-2008
ST1S12XX STMICROELECTRONICS-ST1S12XX Datasheet
338Kb / 20P
Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
01-Feb-2008
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
03-Jun-2008
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
28-Jul-2009
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
18-May-2012
ST1S03PMR STMICROELECTRONICS-ST1S03PMR Datasheet
346Kb / 17P
1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
29-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com