Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S06PM33R Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST1S06PM33R
Description  Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06PM33R Datasheet(HTML) 4 Page - STMicroelectronics

  ST1S06PM33R Datasheet HTML 1Page - STMicroelectronics ST1S06PM33R Datasheet HTML 2Page - STMicroelectronics ST1S06PM33R Datasheet HTML 3Page - STMicroelectronics ST1S06PM33R Datasheet HTML 4Page - STMicroelectronics ST1S06PM33R Datasheet HTML 5Page - STMicroelectronics ST1S06PM33R Datasheet HTML 6Page - STMicroelectronics ST1S06PM33R Datasheet HTML 7Page - STMicroelectronics ST1S06PM33R Datasheet HTML 8Page - STMicroelectronics ST1S06PM33R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin configuration
ST1S06
4/19
2
Pin configuration
Note:
* Pin 1 is VFB for ADJ version and VO for Fixed version
Table 1.
Pin description
Figure 2.
Pin configuration (top view)
Pln n°
Symbol
Note
1
FB/VO
Feedback voltage / output voltage
2
GND
System ground
3
SW
Switching pin
4
VIN_SW
Power supply for the mosfet switch
5
VIN_A
Power supply for analogic circuit
6
VINH
Inhibit pin to turn off the device
Exposed pad to be connected to GND
ST1S06
ST1S06A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com