Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S06PU12R Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1S06PU12R
Description  Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06PU12R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1S06PU12R Datasheet HTML 5Page - STMicroelectronics ST1S06PU12R Datasheet HTML 6Page - STMicroelectronics ST1S06PU12R Datasheet HTML 7Page - STMicroelectronics ST1S06PU12R Datasheet HTML 8Page - STMicroelectronics ST1S06PU12R Datasheet HTML 9Page - STMicroelectronics ST1S06PU12R Datasheet HTML 10Page - STMicroelectronics ST1S06PU12R Datasheet HTML 11Page - STMicroelectronics ST1S06PU12R Datasheet HTML 12Page - STMicroelectronics ST1S06PU12R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ST1S06
Typical performance characteristics
9/19
5
Typical performance characteristics
(VIN_SW =VIN_A =VINH =5V, CI = 4.7µF, CO = 22µF, L1 =3.3µH, unless otherwise specified.
Typical values are referred to 25°C)
Figure 3.
Efficiency vs output current
Figure 4.
Efficiency vs output current
Figure 5.
Efficiency vs output current
Figure 6.
Efficiency vs output current
Figure 7.
Efficiency vs output current
Figure 8.
Efficiency vs inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com