Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2418CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2418CS
Description  Telephone Tone Ringer with Bridge Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2418CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2418CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2418CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2418CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2418CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2418CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2418CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS2418 Series
Telephone Tone Ringer with Bridge Diode
1/6
Version: A07
SOP-8
DIP-8
General Description
The TS2418 is a monolithic integrated circuit telephone tone ringer with bridge diode, when coupled with an
appropriate transducer, it replaces the electromechanical bell. This device is designed for use with either a piezo
transducer or an inexpensive transformer coupled speaker to produce a pleasing tone composed of a high
frequency (fR) alternating with a low frequency (fL) resulting in a warble frequency. The supply voltage is obtained
from the AC ring signal and the circuit is designed so that noise on the line or variation of the ringing signal can not
affect correct operation of the device
Features
●
On chip high voltage full wave diode bridge rectifier.
●
Low current consumption, in order to allow the parallel
operation of the 4 devices.
●
Low external component count.
●
Tone and switching frequencies adjustable by external
components.
●
High noise immunity due to built-in voltage current
hysteresis.
●
Activation voltage adjustable.
●
Internal zener diodes to protect against over voltages.
●
Ringer impedance adjustable with external
components.
Ordering Information
Part No.
Package
Packing
TS2418CD C3
DIP-8
50pcs / Tube
TS2418CS RL
SOP-8
2.5Kpcs / 13” Reel
Block Diagram
Pin Definition:
1. Ring
5. TIP
2. Ground
7. RC
3. SRC
6. AVA
4. OFC
5. Output


Similar Part No. - TS2418CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2418CS TSC-TS2418CS Datasheet
117Kb / 4P
Telephone tone ringer with bridge diode
More results

Similar Description - TS2418CS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
TELEPHONE TONE RINGER
logo
Wing Shing Computer Com...
WS2418 WINGS-WS2418 Datasheet
102Kb / 3P
TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
System Logic Semiconduc...
SL2418 SLS-SL2418 Datasheet
33Kb / 3P
Telephone Tone Ringer with Bridge Diode
logo
List of Unclassifed Man...
IN2418 ETC-IN2418 Datasheet
152Kb / 3P
Telephone Tone Ringer with Bridge Diode
IL2418 ETC-IL2418 Datasheet
48Kb / 5P
Telephone Tone Ringer with Bridge Diode
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418 Datasheet
117Kb / 4P
Telephone tone ringer with bridge diode
logo
Integral Corp.
IL6840 INTEGRAL-IL6840 Datasheet
297Kb / 5P
Telephone Tone Ringer with Bridge Diode
logo
Wing Shing Computer Com...
KA2418 WINGS-KA2418 Datasheet
103Kb / 3P
TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418_08 Datasheet
279Kb / 5P
Telephone Tone Ringer with Bridge Diode
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com