Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8909 Datasheet(PDF) 104 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 104 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 100Page - Cirrus Logic WM8909 Datasheet HTML 101Page - Cirrus Logic WM8909 Datasheet HTML 102Page - Cirrus Logic WM8909 Datasheet HTML 103Page - Cirrus Logic WM8909 Datasheet HTML 104Page - Cirrus Logic WM8909 Datasheet HTML 105Page - Cirrus Logic WM8909 Datasheet HTML 106Page - Cirrus Logic WM8909 Datasheet HTML 107Page - Cirrus Logic WM8909 Datasheet HTML 108Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 363 page
background image
WM8994
104
Rev 4.6
The soft un-mute would typically be used during playback of audio data so that when the Mute is
subsequently disabled, a smooth transition is scheduled to the previous volume level and pop noise is
avoided. This is desirable when resuming playback after pausing during a track.
The soft un-mute would typically not be required when un-muting at the start of a music file, in order
that the first part of the music track is not attenuated. The instant un-mute behaviour is desirable in
this case, when starting playback of a new track.
See “DAC Soft Mute and Soft Un-Mute” (Figure 30)
for an illustration of the soft mute function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1312 (0520h)
AIF2 DAC
Filters (1)
9
AIF2DAC_M
UTE
1
AIF2DAC input path Soft Mute Control
0 = Un-mute
1 = Mute
5
AIF2DAC_M
UTERATE
0
AIF2DAC input path Soft Mute Ramp Rate
0 = Fast ramp (fs/2, maximum ramp time is
10.7ms at fs=48k)
1 = Slow ramp (fs/32, maximum ramp time is
171ms at fs=48k)
(Note: ramp rate scales with sample rate.)
4
AIF2DAC_U
NMUTE_RA
MP
0
AIF2DAC input path Unmute Ramp select
0 = Disabling soft-mute (AIF2DAC_MUTE=0)
will cause the volume to change immediately
to AIF2DACL_VOL and AIF2DACR_VOL
settings
1 = Disabling soft-mute (AIF2DAC_MUTE=0)
will cause the DAC volume to ramp up
gradually to the AIF2DACL_VOL and
AIF2DACR_VOL settings
Table 45 AIF2 Input Path Soft Mute Control
AIF2 - INPUT PATH MONO MIX AND DE-EMPHASIS FILTER
A digital mono mix can be selected on the AIF2 input channels. The mono mix is generated as the
sum of the Left and Right AIF channel data. When the mono mix function is enabled, the combined
mono signal is applied to the Left channel and the Right channel of the AIF2 signal processing and
digital mixing paths. To prevent clipping, 6dB attenuation is applied to the mono mix.
Digital de-emphasis can be applied to the AIF2 input (playback) paths; this is appropriate when the
data source is a CD where pre-emphasis is used in the recording. De-emphasis filtering is available
for sample rates of 48kHz, 44.1kHz and 32kHz. See "Digital Filter Characteristics
” section for details
of de-emphasis filter characteristics.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1312 (0520h)
AIF2 DAC
Filters (1)
7
AIF2DAC_M
ONO
0
AIF2DAC input path Mono Mix Control
0 = Disabled
1 = Enabled
2:1
AIF2DAC_D
EEMP [1:0]
00
AIF2DAC input path De-Emphasis Control
00 = No de-emphasis
01 = 32kHz sample rate
10 = 44.1kHz sample rate
11 = 48kHz sample rate
Table 46 AIF2 Input Path Mono Mix and De-Emphasis Filter Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com