Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8909 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 17Page - Cirrus Logic WM8909 Datasheet HTML 18Page - Cirrus Logic WM8909 Datasheet HTML 19Page - Cirrus Logic WM8909 Datasheet HTML 20Page - Cirrus Logic WM8909 Datasheet HTML 21Page - Cirrus Logic WM8909 Datasheet HTML 22Page - Cirrus Logic WM8909 Datasheet HTML 23Page - Cirrus Logic WM8909 Datasheet HTML 24Page - Cirrus Logic WM8909 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 363 page
background image
WM8994
Rev 4.6
21
Test Conditions
AVDD1=3.0V (powered from LDO1), DCVDD=1.0V (powered from LDO2), AVDD2=DBVDD=LDO2VDD=CPVDD=1.8V,
LDO1VDD=SPKVDD1=SPKVDD2=5V, DGND=AGND=CPGND=SPKGND1=SPKGND2=HP2GND=0V,
TA = +25
oC, 1kHz sinusoidal signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
E9
DAC to Earpiece Driver (Load = 16
 BTL)
SNR
A-weighted
MIXOUTL
or
MIXOUTR
HPOUT2MIX
RLOAD
=16ohm
MIXOUTLVOL
or
MIXOUTRVOL
+
DACL or
DACR
+
HPOUT2N
0dB
HPOUT2P
97
dB
THD
PO=50mW
-71
dB
THD+N
PO=50mW
-69
dB
PSRR (all supplies)
100mV (pk-pk)
217Hz
51
dB
E12
DAC to Speaker Outputs (Load = 8
 + 22H BTL, Stereo Mode)
Class D Mode, +12dB boost (SPKOUTx_BOOST = 111)
SNR
A-weighted
SPKMIXL or
SPKMIXR
+
DACL1/2
or
DACR1/2
+
SPKLVOL or
SPKRVOL
SPKOUTLBOOST
or
SPKOUTRBOOST
RLOAD=
8ohm
SPKOUTLP or
SPKOUTRP
SPKOUTLN or
SPKOUTRN
+12dB
85
94
dB
THD
PO=0.5W
-65
dB
THD+N
PO=0.5W
-63
-53
dB
THD
PO=1.0W
-70
dB
THD+N
PO=1.0W
-68
dB
PSRR (all supplies)
100mV (pk-pk)
217Hz
43
dB
Channel Separation
(L/R)
80
dB
DAC to Speaker Outputs (Load = 8
 + 22H BTL, Stereo Mode)
Class AB Mode, +12dB boost (SPKOUTx_BOOST = 111)
SNR
A-weighted
SPKMIXL or
SPKMIXR
+
DACL1/2
or
DACR1/2
+
SPKLVOL or
SPKRVOL
SPKOUTLBOOST
or
SPKOUTRBOOST
RLOAD=
8ohm
SPKOUTLP or
SPKOUTRP
SPKOUTLN or
SPKOUTRN
+12dB
96
dB
THD
PO=0.5W
-67
dB
THD+N
PO=0.5W
-65
dB
THD
PO=1.0W
-64
dB
THD+N
PO=1.0W
-62
dB
PSRR (all supplies)
100mV (pk-pk)
217Hz
43
dB
Channel Separation
(L/R)
80
dB
DAC to Speaker Outputs (Load = 4
 + 22H BTL, Stereo Mode)
Class D Mode, +12dB boost (SPKOUTx_BOOST = 111)
SNR
A-weighted
SPKMIXL or
SPKMIXR
+
DACL1/2
or
DACR1/2
+
SPKLVOL or
SPKRVOL
SPKOUTLBOOST
or
SPKOUTRBOOST
RLOAD=
8ohm
SPKOUTLP or
SPKOUTRP
SPKOUTLN or
SPKOUTRN
+12dB
93
dB
THD
PO=0.5W
dB
THD+N
PO=0.5W
-63
dB
THD
PO=1.0W
dB
THD+N
PO=1.0W
-63
dB
THD
PO=2.0W
THD+N
PO=2.0W
-66
PSRR (all supplies)
100mV (pk-pk)
217Hz
dB
Channel Separation
(L/R)
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com