Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUJBXF11-1-63-20.0-R Datasheet(PDF) 10 Page - Sensata Technologies, Inc.

Part # LUJBXF11-1-63-20.0-R
Description  Hydraulic-Magnetic Circuit Breakers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LUJBXF11-1-63-20.0-R Datasheet(HTML) 10 Page - Sensata Technologies, Inc.

Back Button LUJBXF11-1-63-20.0-R Datasheet HTML 6Page - Sensata Technologies, Inc. LUJBXF11-1-63-20.0-R Datasheet HTML 7Page - Sensata Technologies, Inc. LUJBXF11-1-63-20.0-R Datasheet HTML 8Page - Sensata Technologies, Inc. LUJBXF11-1-63-20.0-R Datasheet HTML 9Page - Sensata Technologies, Inc. LUJBXF11-1-63-20.0-R Datasheet HTML 10Page - Sensata Technologies, Inc. LUJBXF11-1-63-20.0-R Datasheet HTML 11Page - Sensata Technologies, Inc. LUJBXF11-1-63-20.0-R Datasheet HTML 12Page - Sensata Technologies, Inc. LUJBXF11-1-63-20.0-R Datasheet HTML 13Page - Sensata Technologies, Inc. LUJBXF11-1-63-20.0-R Datasheet HTML 14Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LEJ & LEJA Series - Terminations
141
http://airpax.sensata.com
0.370
[9.40]
1.675
[42.55]
1.643
[41.73]
0.354
[8.99]
STANDARD - QUICK CONNECT & SCREW TERMINALS
LINE
0.354
[8.99]
OPTIONAL - FLAT BUS CONNECT SCREW TERMINAL
NOTES:
1.
Terminals:
Quick Connect = 0.250 [6.35] wide x 0.031 [0.79] thick
Screw = 10-32 or M5 x 0.8
TÜV approval with screw terminals include
external tooth lockwashers
2.
10000 AIC available only with screw terminals
A handle lock option is available to prevent accidental actuation of the handle.
The handle lock may be used in the ON or OFF position. This option is available
pre-assembled or seperately. Consult factory for ordering information.
Handle Lock (Single Pole)
RED: 762-600-7651
BLACK: 762-600-7650
Handle Lock (Multi-Pole)
RED: 762-600-7654
BLACK: 762-600-7653
Handle lock installed in
factory will be mounted
from the logo case side
on single pole on two
pole units, handle lock
will latch into pole 2
Retainer (required for single pole only)
386-000-9030
TERMINAL OPTIONS
OPTIONAL HANDLE LOCK FOR TOGGLE HANDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com