Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUJBXF1-1-69-20.0-R Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # LUJBXF1-1-69-20.0-R
Description  Hydraulic-Magnetic Circuit Breakers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LUJBXF1-1-69-20.0-R Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  LUJBXF1-1-69-20.0-R Datasheet HTML 1Page - Sensata Technologies, Inc. LUJBXF1-1-69-20.0-R Datasheet HTML 2Page - Sensata Technologies, Inc. LUJBXF1-1-69-20.0-R Datasheet HTML 3Page - Sensata Technologies, Inc. LUJBXF1-1-69-20.0-R Datasheet HTML 4Page - Sensata Technologies, Inc. LUJBXF1-1-69-20.0-R Datasheet HTML 5Page - Sensata Technologies, Inc. LUJBXF1-1-69-20.0-R Datasheet HTML 6Page - Sensata Technologies, Inc. LUJBXF1-1-69-20.0-R Datasheet HTML 7Page - Sensata Technologies, Inc. LUJBXF1-1-69-20.0-R Datasheet HTML 8Page - Sensata Technologies, Inc. LUJBXF1-1-69-20.0-R Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LEJ & LEJA Series - Series - Configurations
135
http://airpax.sensata.com
NOTES:
1.
All mounting inserts shall be utilized when panel mounting circuit breakers. Panel mounting screws shall have
recommended torque applied: 6/32 mounting inserts 6 - 8 inch pounds. M3 mounting inserts 4 - 5 inch pounds.
2.
Panel mounting screws shall not extend beyond back of mounting panel more than specied mounting insert depth.
3.
Mounting detail tolerance: ± 0.005 [0.13] unless noted.
4.
Two pole ZX has standoffs (as shown). It uses 2 panel screws. A higher shock capability (4 panel screws) is available (consult factory).
OPTIONAL, HANDLE MAY BE IN
POLE 2 INSTEAD OF POLE 1
PANEL MOUNT CUTOUT - 1 or 2 POLE
1.660
[42.16]
1.260
[32.00]
0.200
[5.08]
0.750
[19.05]
0.156
Ø
[3.96]
2x
TWO POLE
2.250
[57.15]
1.660
[42.16]
4x 6-32THREAD
(M3 ISOTHREAD
OPTIONAL)
1.515
[38.48]
MAX
BARRIER
SINGLE POLE
2.378
[60.40]
MAX
0.125
[3.18]
1.220
[30.99]
2.250
[57.15]
1.687
[42.85]
2.077
[52.76]
1.239
[31.47]
1.660
[42.16]
0.191
[4.85]
0.750
[19.05]
2.250
[57.15]
2x 6-32THREAD
(M3 ISOTHREAD
OPTIONAL)
OPTIONAL GUARD
(SEE DETAIL “A”)
0.420
[10.67]
0.430
[10.92]
OPTIONAL
HANDLE GUARDS
CONFIGURATIONS: LEJZX ROCKER HANDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com