Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2596SCS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2596SCS
Description  2A / 150KHz Buck Dc-Dc Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596SCS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2596SCS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2596SCS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596SCS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596SCS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596SCS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596SCS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2596SCS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2596SCS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2596SCS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS2596S
2A / 150KHz Buck Dc-Dc Converter
1/10
Version: A07
TO-252-5L
(PPAK)
SOP-8
General Description
TS2596S Series are step-down switching regulators with all required active functions. It is capable of driving 2A load
with excellent line and load regulations. These devices are available in fixed output voltages of 3.3V, 5V, and an
adjustable output version.
TS2596S series operates at a switching frequency of 150kHz thus allowing smaller sized filter components than what
would be needed with lower frequency switching regulators. It substantially not only reduces the area of board size
but also the size of heat sink, and in some cases no heat sink is required. The ±4% tolerance on output voltage within
specified input voltages and output load conditions is guaranteed. Also, the oscillator frequency accuracy is within
±10%. External shutdown is included. Featuring 70µA (typical) standby current. The output switch includes cycle-by-
cycle current limiting, as well as thermal shutdown for full protection under fault conditions.
Ordering Information
Part No.
Package
Packing
TS2596SCP5xx RO
TO-252-5L
2.5Kpcs / 13” Reel
TS2596SCSxx RL
SOP-8
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
50= 5.0V
33= 3.3V
Leave blank for adjustable version
Features
●
Output Voltage: 3.3V, 5V & Adjustable version
●
Adjustable Output Voltage Range 1.23V~19.5V
±4%
●
150KHz ±15% fixed switching frequency
●
Voltage Mode Non-synchronous PWM control
●
Thermal Shutdown and Current Limit Protection
●
ON/OFF Shutdown Control Input
●
Soft-start (SS) Function
●
Short Circuit Protect (SCP)
●
Operating Voltage Can be up to 24V
●
Output Load Current 2A
●
Low Power Standby Mode
Application
●
Simple High-efficiency Step down Regulator
●
On-Card Switching Regulators
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
+28
V
Operating Voltage Range
VOP
+4.5 to +24
V
SW, EN Pin Input Voltage
VSW, VEN
-0.3 to VCC
V
Feedback Pin Voltage
VFB
-0.3 to VCC
V
Power Dissipation
PD
Internally Limited
W
Output Voltage to Ground
VOUT
-1
V
Storage Temperature Range
TST
-65 to +150
oC
Operating Temperature Range
TOP
-40 to +125
oC
Pin Definition:
1. Input
2. SW Output
3. Ground
4. Feedback
5. Enable
Pin Definition:
1. Input
2. SW Output
3. Feedback
4. Enable
5. 6. 7. 8. Ground


Similar Part No. - TS2596SCS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2596SCS33RL TSC-TS2596SCS33RL Datasheet
718Kb / 9P
2A / 150KHz Buck Dc-Dc Converter
TS2596SCS50RL TSC-TS2596SCS50RL Datasheet
718Kb / 9P
2A / 150KHz Buck Dc-Dc Converter
TS2596SCSRL TSC-TS2596SCSRL Datasheet
718Kb / 9P
2A / 150KHz Buck Dc-Dc Converter
More results

Similar Description - TS2596SCS

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
Rev. 0.1 Nov 27, 2003
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1693 YOBON-YB1693 Datasheet
296Kb / 8P
2A / 150KHz Buck DC-DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_07 Datasheet
718Kb / 9P
2A / 150KHz Buck Dc-Dc Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_09 Datasheet
718Kb / 9P
2A / 150KHz Buck Dc-Dc Converter
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
2A 150KHz PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com