Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3313EO Datasheet(PDF) 2 Page - EONMIC TECHNOLOGY LTD

Part # CD3313EO
Description  Digitally controlled four-channel audio processor with tone and volume processing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EONMIC [EONMIC TECHNOLOGY LTD]
Direct Link  
Logo EONMIC - EONMIC TECHNOLOGY LTD

CD3313EO Datasheet(HTML) 2 Page - EONMIC TECHNOLOGY LTD

  CD3313EO Datasheet HTML 1Page - EONMIC TECHNOLOGY LTD CD3313EO Datasheet HTML 2Page - EONMIC TECHNOLOGY LTD CD3313EO Datasheet HTML 3Page - EONMIC TECHNOLOGY LTD CD3313EO Datasheet HTML 4Page - EONMIC TECHNOLOGY LTD CD3313EO Datasheet HTML 5Page - EONMIC TECHNOLOGY LTD CD3313EO Datasheet HTML 6Page - EONMIC TECHNOLOGY LTD CD3313EO Datasheet HTML 7Page - EONMIC TECHNOLOGY LTD CD3313EO Datasheet HTML 8Page - EONMIC TECHNOLOGY LTD CD3313EO Datasheet HTML 9Page - EONMIC TECHNOLOGY LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EONMIC™
CD3313
2/11
功能框图
CD3313-Ver2.0 2009-8-10 EONMIC TECHNOLOGY LTD. TEL:0755-86211920
音量控制
低音控制
高音控制
音量控制
低音控制
高音控制
串行总线译码器+锁存器
静音
输出衰减器
输出衰减器
输出衰减器
输出衰减器
电源
输入选择与
增益控制
静音
静音
静音
1
3
17
2
7
6
8
21
20
5
22
24
26
27
28
23
25
4
18
19
12
16
15
14
13
9
10
11
左声道输入
右声道输入
CREF
VDD 模拟OUT IN
LOUDNESS B-OUT B-IN
TREBLE
右后置输出
右前置输出
数字地
SDA
SCL
左后置输出
左前置输出
TREBLE
B-IN
B-OUT
LOUDNESS
IN
OUT
(L) (L) (L)
(L)
(L)
(L)
地 (R) (R)
(R)
(R) (R)
(R)
总线
极限参数(若无特别说明,Tamb=25℃)
参 数
符 号
参数范围
单 位
电源电压
Vs
10.2
V
工作温度
Topr
-40~+85
℃
贮存温度
Tstg
-55~+150
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com