Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9016K2M Datasheet(PDF) 13 Page - ESS Technology,Inc

Part # ES9016K2M
Description  Ultra 32-bit Stereo Low Power Audio DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9016K2M Datasheet(HTML) 13 Page - ESS Technology,Inc

Back Button ES9016K2M_V01 Datasheet HTML 9Page - ESS Technology,Inc ES9016K2M_V01 Datasheet HTML 10Page - ESS Technology,Inc ES9016K2M_V01 Datasheet HTML 11Page - ESS Technology,Inc ES9016K2M_V01 Datasheet HTML 12Page - ESS Technology,Inc ES9016K2M_V01 Datasheet HTML 13Page - ESS Technology,Inc ES9016K2M_V01 Datasheet HTML 14Page - ESS Technology,Inc ES9016K2M_V01 Datasheet HTML 15Page - ESS Technology,Inc ES9016K2M_V01 Datasheet HTML 16Page - ESS Technology,Inc ES9016K2M_V01 Datasheet HTML 17Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
March 26, 2021
3.2
ES9016K2M Datasheet
13
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-
8800 • www.esstech.com
Register #2: Reserved
8 bit, Read-Write Register, Default = 0x18
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
Reserved
Default
0
0
0
1
1
0
0
0
Register #3: Reserved
8 bit, Read-Write Register, Default = 0x10
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
Reserved
Default
0
0
0
1
0
0
0
0
Register #4: Soft Volume Control 1 (Automute Time)
8 bit, Read-Write Register, Default = 0x00
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
automute_time
Default
0
0
0
0
0
0
0
0
Bit
Mnemonic
Description
[7:0]
automute_time
Default of 8'd0 (Automute Disabled)
Time in Seconds = 2096896 / (automute_time x DATA_CLK) with DATA_CLK in Hz
Register #5: Soft Volume Control 2 (Automute Level)
8 bit, Read-Write Register, Default = 0x68
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
automute_loopback
automute_level
Default
0
1
1
0
1
0
0
0
Bit
Mnemonic
Description
[7]
automute_loopback
1'b0 disables automute_loopback (default)
1'b1 ramps to -infinity on automute
[6:0]
automute_level
The level (in 1dB increments) of the automute, default of 7'd104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com