Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9016 Datasheet(PDF) 22 Page - ESS Technology,Inc

Part # ES9016
Description  Ultra 32-bit Stereo Low Power Audio DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9016 Datasheet(HTML) 22 Page - ESS Technology,Inc

Back Button ES9016 Datasheet HTML 18Page - ESS Technology,Inc ES9016 Datasheet HTML 19Page - ESS Technology,Inc ES9016 Datasheet HTML 20Page - ESS Technology,Inc ES9016 Datasheet HTML 21Page - ESS Technology,Inc ES9016 Datasheet HTML 22Page - ESS Technology,Inc ES9016 Datasheet HTML 23Page - ESS Technology,Inc ES9016 Datasheet HTML 24Page - ESS Technology,Inc ES9016 Datasheet HTML 25Page - ESS Technology,Inc ES9016 Datasheet HTML 26Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
3.2
March 26, 2021
ES9016K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-
8800 • www.esstech.com
22
Register #64: Chip Status
8 bit, Read-Only Register
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
Reserved
revision
chip_id
automute_status
lock_status
Bit
Mnemonic
Description
[7:6]
Reserved
[5]
revision
1'b0 => revision W.
1'b1 => revision V.
[4:2]
chip_id
3’d6 => ES9016K2M
[1]
automute_status
1'b0 => Automute condition is inactive.
1'b1 => Automute condition is active.
[0]
lock_status
1'b0 => The Jitter Eliminator is not locked to an incoming signal.
1'b1 => The Jitter Eliminator is locked to an incoming signal.
Register #65
8 bit, Read-Only Register
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
reserved
gpio_I[1:0]
Bit
Mnemonic
Description
[7:2]
reserved
[0]
gpio_I[0]
Status of pin GPIO1
Register #69-66: DPLL Ratio
32 bit, Read-
Only Register. Reg 69 are the MSB’s, Reg 66 are the LSB’s
Bits
[31:0]
Mnemonic
dpll_num
This is a read-only 32bit value that can be used to calculate the sample rate. The raw sample rate (FSR) can be calculated
using: FSR = (DPLL_NUM x FMCLK) / 232.
Note that the DPLL number (register 66-69) should be read from LSB to MSB as it is latched on the LSBs (register 66).
Register #93-70: Channel Status
Reg 93 are the MSB’s, Reg 70 are the LSB’s Format is [191:0]
These registers allow read back of the SPDIF channel status. The status definition is different for the consumer configuration
and professional configuration. Please refer to the following two tables for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com