Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3063CB Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS3063CB
Description  800mA/180kHz Dc to Dc Converter Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3063CB Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS3063CB Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3063CB Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3063CB Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3063CB Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3063CB Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3063CB Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3063CB Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3063CB Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3063CB Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS3063
800mA/180kHz Dc to Dc Converter Controller
2/9
Version: A07
Absolute Maximum Rating
Parameter
Symbol
Maximum
Unit
Supply Voltage
VCC
40
V
Comparator Input Voltage Range
VFB
- 0.3 ~ 40
V
Switch Collector Output Voltage
VC(SW)
40
V
Switch Emitter Voltage
VE(SW)
40
V
Switch Collector to Emitter Voltage
VCE(SW)
40
V
Driver Collector Voltage
VC(DRIVER)
40
V
Driver Collector Current (note 1)
IC(DRIVER)
100
mA
Output Switching Current
ISW
800
mA
SOP-8
0.5
Power Dissipation
MSOP-8
PD
0.35
W
Junction Temperature Range
TJ
+150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note: Maximum package power dissipation limits must be observed
Electrical Characteristics (VCC =5V, Ta =25oC; unless otherwise noted.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Oscillator (OSC)
Frequency
FOSC
CT = 100pF, Vpin5= 0V
--
--
180
KHz
Charge Current
ICHARGE
VCC = 5V ~ 40V
30
30
45
uA
Discharge Current
IDISCHARGE
VCC = 5V ~ 40V
180
230
290
uA
Discharge to Charge current ratio
IDISCHARGE /
ICHARGE
Pin7 to VCC
5.2
6.5
7.5
--
Current Limit Sense Voltage
VIPK(SENSE) IDISCHARGE = ICHARGE
250
--
350
mV
Output switch (note1)
Saturation Voltage
VCE(SAT)
ISW= 0.8A,
pin1, 8 connected
--
1.0
1.3
V
Saturation Voltage
VCE(SAT)
ISW= 0.8A, Rpin8= 82ohm to
Vcc, force beta = 20
--
0.45
0.8
V
DC current gain
HFE
ISW = 0.8A, VCE= 5V
50
75
--
--
Collector off-state current
IC(OFF)
VCE = 40V
--
0.01
100
uA
Comparator
Threshold Voltage
VREF
1.225
1.25
1.275
V
Line regulation
REGLINE
VCC = 3V ~ 40V
--
1.4
5
mV
Total device
Supply Current
ICC
VCC = 5V ~ 40V, CT = 1nF,
pin7= VCC, pin5> VTH,
pin2=Gnd, remaining pins
open
--
3
4
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com