Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3480CX Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS3480CX
Description  Low Quiescent Current LDO Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3480CX Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS3480CX Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3480CX Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3480CX Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3480CX Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3480CX Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS3480
Low Quiescent Current LDO Voltage Regulator
2/5
Version: A07
Electrical Specification (Ta = 25oC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
3.3V output
Output Voltage
VIN = 3.8V, Io= 1mA ~ 100mA
3.17
3.3
3.43
V
Line Regulation
3.8V ≤ VIN ≤ 30V, Io= 1mA
--
10
25
mV
Load Regulation
VIN = 3.8V, Io= 1mA~100mA
--
20
40
mV
Io=10mA
--
0.75
0.9
V
Dropout Voltage
Io=100mA
--
0.95
1.1
V
Quiescent Current
VIN = 3.8V ≤ VIN ≤ 30V, Io=0V
--
3
5
mA
Output Current
VIN - VOUT = 20V
100
--
--
mA
Ripple Rejection
F= 10Hz ~ 100kHz, Io= 0mA,
COUT = 0.1uF, VIN = 10V
--
100
--
uVrms
5.0V output
Output Voltage
VIN = 6.5V, Io= 1mA ~ 100mA
4.80
5.0
5.20
V
Line Regulation
6.5V ≤ VIN ≤ 30V, Io= 1mA
--
10
25
mV
Load Regulation
VIN = 6.5V, Io= 10mA~100mA
--
20
40
mV
Io=10mA
--
0.75
0.9
V
Dropout Voltage
Io=100mA
--
0.95
1.1
V
Quiescent Current
VIN = 6.5V ≤ VIN ≤ 30V, Io=0V
--
3
5
mA
Output Current
VIN - VOUT = 20V
100
--
--
mA
Ripple Rejection
F= 10Hz ~ 100kHz, Io= 0mA,
COUT = 0.1uF, VIN = 10V
--
150
--
uVrms
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating ratings are
conditions under which operation of the device is guaranteed. Operating ratings do not imply guaranteed
performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics
Note 2: The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using
P = (Tj -Ta) / Rθja where Tj is the junction temperature, Ta is the ambient temperature, and Rθja is the
junction-to-ambient thermal resistance. The 350mW rating results from substituting the absolute maximum
junction temperature, 150
oC for Tj, 50oC for Ta, and 300˚C/W for Rθja. More power can be safely dissipated at
lower ambient temperatures, and less power can be safely dissipated at higher ambient temperatures. The
absolute maximum power dissipation can be increased by 3.5mW for each
oC below 50oC ambient. It must be
derated by 3.5mW for each
oC above 50oC ambient. A Rθja of 300˚C/W represents the worst-case condition of
no heat sinking of the 3-lead plastic SOT-23 package. Heat sinking enables the safe dissipation of more
power. The TS3480 actively limits its junction temperature to about 150
oC.
Note 3: Times shown are dwell times. Temperatures shown are dwell temperatures.
Note 4: For testing purposes, ESD was applied using the Human-Body Model, a 100pF capacitor discharged through a
1.5kΩ resistor.
Note 5: A typical is the center of characterization data taken with Ta =Tj = 25
oC. Typical are not guaranteed.
Note 6: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during
production with Ta =Tj = 25
oC. All hot and cold limits are guaranteed by correlating the electrical
characteristics to process and temperature variations and applying statistical process control.
Note 7: All voltages except dropout are with respect to the voltage at the GND pin.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com