Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7546 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7546
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7546 Datasheet HTML 28Page - STMicroelectronics TDA7546 Datasheet HTML 29Page - STMicroelectronics TDA7546 Datasheet HTML 30Page - STMicroelectronics TDA7546 Datasheet HTML 31Page - STMicroelectronics TDA7546 Datasheet HTML 32Page - STMicroelectronics TDA7546 Datasheet HTML 33Page - STMicroelectronics TDA7546 Datasheet HTML 34Page - STMicroelectronics TDA7546 Datasheet HTML 35Page - STMicroelectronics TDA7546 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
Functional description
TDA7546
32/68
error corrections done on good quality marked RDS bits. Then the RDS module is
synchronized. This is indicated by “synch” bit rds_int[4] which is set if the flywheel counter is
greater than zero. Every valid consecutive RDS block (A, B, C or C’, D, A, B...) increments
the flywheel counter by two.
If the next consecutive RDS block has its syndrome not zero, or corrections are done on
good quality marked RDS bits, then the flywheel counter decrements by one. If the flywheel
counter becomes zero, then a new RDS block synchronization will be performed. If blocks of
type E are detected (indicated by “e” bit rds_qu[1]), then the flywheel counter will be not
modified, because in case of European RDS, block E is an error but not in case of USA
BRDS. This means E blocks are treated as neutral in this RDS/BRDS implementation.
The “data_ok” bit rds_corrp[1] is set only, if the flywheel counter is greater than two, the
syndrome of the detected RDS block is zero and if no error corrections are done on good
quality marked RDS bits.
Figure 7 shows an example for the flywheel mechanism.
The first diagram shows the relative signal quality of 26 received RDS bits. 100% means
that the last received 26 RDS bits are all marked as good by the demodulator and 0% that
all are marked as bad.
The second diagram gives information about the flywheel counter status. The counter value
could be between 0 and 63.
The next two charts showing the bits “synch” rds_int[4] and “data_ok” rds_corrp[1]
The last graph indicates every generated buffer not empty (bne) interrupt. After each
interrupt the RDS data will be read out from the RAM buffer (within 22 ms), before next RDS
block is written into. This is done to reset the interrupt flag “int” rds_int[0] each time. Further
the “syncw” bit rds_bd_ctrl[0] is set to one, to store only synchronized RDS blocks .
The following case is considered now: First the receiving condition is good (section 1), then
it is going to be worse (section 2) because of entering a tunnel, after leaving it is going to be
better again (section 3).
Section 1:
After power up or resynchronization (“ar_res”, rds_int[5]), the first recognized RDS
block is stored in the RAM buffer and generates an “bne” interrupt. At the same
time “synch” bit rds_int[4] is set to one. With the next stored RDS block the
“data_ok” bit rds_corrp[1] is set, because the flywheel counter becomes greater
than two.
With every next RDS block the flywheel counter increments by two, until the upper
margin of 63 is reached.
Section 2:
Because of entering a tunnel, the demodulator increases bad marked RDS bits
until all are marked as bad. The flywheel counter decrements by one after each
new RDS block because of error corrections done on good marked RDS bits or
because the syndrome of the expected block was not zero after error correction.
The “data_ok” bit rds_corrp[1] is set to zero whenever the flywheel counter
decrements. Note that the synchronization flag “synch” rds_int[4] is set and the
interrupt is performed after every expected RDS block, until the flywheel counter is
zero.
Then the RDS is desynchronized. Now spurious interrupts could occur because of
random RDS blocks detected during resynchronization process. If the time of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com