Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16020105 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 16020105
Description  Hand Insertion Tool
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

16020105 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  16020105 Datasheet HTML 1Page - Molex Electronics Ltd. 16020105 Datasheet HTML 2Page - Molex Electronics Ltd. 16020105 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number : 570336000
Product Description : Hand Insertion Tool
Series Number : 57033
Status : Active
Product Category : Crimp Presses and Crimp Hand
Tools
Documents & Resources
Tooling Specifications
ATP-57033-6000E-001.pdf
ATP-57033-6000JE-001.pdf
Product Environment Compliance
Compliance
China RoHS
Not Reviewed
EU ELV
Not Reviewed
Low-Halogen Status
Not Reviewed
REACH SVHC
Not Reviewed
EU RoHS
Not Reviewed
Compliance Statements
EU RoHS
REACH SVHC
Low-Halogen
Industry Documents
IPC 1752A Class C
IPC 1752A Class D
Molex Product Compliance Declaration
IEC-62474
chemSHERPA (xml)
Substances of Interest
PFAS
EU RoHS Certificate of Compliance
Additional Product Compliance Information


Similar Part No. - 16020105

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
16020105 MOLEX-16020105 Datasheet
81Kb / 5P
Hand Crimp Tool for SL Crimp Terminals, 30-24 AWG
Jun 18, 2025
16020105 MOLEX-16020105 Datasheet
99Kb / 9P
Insertion Tool for 70021,70028, 70110, 71851 Terminals / Extraction Tool for 91821 Terminals
Jun 24, 2025
More results

Similar Description - 16020105

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-02-0007 MOLEX11-11-02-0007 Datasheet
55Kb / 1P
Insertion Tool
0011020008 MOLEX1-0011020008 Datasheet
56Kb / 1P
Hand Insertion Tool
11-02-0001 MOLEX11-11-02-0001 Datasheet
35Kb / 1P
Hand Insertion Tool
11-02-0008 MOLEX11-11-02-0008 Datasheet
63Kb / 1P
Hand Insertion Tool
11-02-0022 MOLEX11-11-02-0022 Datasheet
41Kb / 1P
Insertion Tool
62203-0140 MOLEX11-62203-0140 Datasheet
53Kb / 1P
Insertion Tool
0638120600 MOLEX11-0638120600 Datasheet
38Kb / 1P
Insertion Tool
0011020008 MOLEX-0011020008 Datasheet
48Kb / 1P
Hand Insertion Tool
01/25/2022
0570056000 MOLEX-0570056000 Datasheet
31Kb / 1P
Hand Insertion Tool/Hand Extraction Tool
08/26/2022
0570336000 MOLEX-0570336000 Datasheet
34Kb / 2P
Hand Insertion Tool
08/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com