Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4R02B Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH4R02B
Description  Ultrafast recovery diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R02B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STTH4R02B Datasheet HTML 2Page - STMicroelectronics STTH4R02B Datasheet HTML 3Page - STMicroelectronics STTH4R02B Datasheet HTML 4Page - STMicroelectronics STTH4R02B Datasheet HTML 5Page - STMicroelectronics STTH4R02B Datasheet HTML 6Page - STMicroelectronics STTH4R02B Datasheet HTML 7Page - STMicroelectronics STTH4R02B Datasheet HTML 8Page - STMicroelectronics STTH4R02B Datasheet HTML 9Page - STMicroelectronics STTH4R02B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Ordering information scheme
STTH4R02
6/13
2
Ordering information scheme
Figure 15.
Thermal resistance, junction to
ambient, versus copper surface
under tab - SMB (Epoxy printed
circuit board FR4, eCU = 35 µm)
Figure 16.
Thermal resistance, junction to
ambient, versus copper surface
under tab - SMC (Epoxy printed
circuit board FR4, eCU = 35 µm)
Figure 17.
Thermal resistance versus lead
length - DO-201AB
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
th(j-a)(°C/W)
SMB
SCU(cm²)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
th(j-a)(°C/W)
SMC
SCU(cm²)
0
10
20
30
40
50
60
70
80
90
5
1015
2025
R
th(°C/W)
LLEADS(mm)
DO201AB
R
th(j-l)
R
th(j-a)
STTH
4 R
02 XXX
Ultrafast switching diode
Average forward current
4 = 4 A
02 = 200 V
Blank = DO-201 in Ammopack
RL = DO201 in Tape and reel
D = TO220AC in Tube
FP = TO-220FPAC in Tube
B = DPAK in Tube
B-TR = DPAK in Tape and reel
U = SMB in Tape and reel
S = SMC in Tape and reel
Model R
Package
Repetitive peak reverse voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com