Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4R02B-TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH4R02B-TR
Description  Ultrafast recovery diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R02B-TR Datasheet(HTML) 2 Page - STMicroelectronics

  STTH4R02B-TR Datasheet HTML 1Page - STMicroelectronics STTH4R02B-TR Datasheet HTML 2Page - STMicroelectronics STTH4R02B-TR Datasheet HTML 3Page - STMicroelectronics STTH4R02B-TR Datasheet HTML 4Page - STMicroelectronics STTH4R02B-TR Datasheet HTML 5Page - STMicroelectronics STTH4R02B-TR Datasheet HTML 6Page - STMicroelectronics STTH4R02B-TR Datasheet HTML 7Page - STMicroelectronics STTH4R02B-TR Datasheet HTML 8Page - STMicroelectronics STTH4R02B-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
STTH4R02
2/13
1
Characteristics
Table 1.
Absolute ratings (limiting values at Tj = 25° C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
TO-220AC
70
A
DPAK
SMB / SMC
TO-220FPAC
DO-201AB
IF(AV)
Average forward current,
δ = 0.5
TO-220AC
Tc = 160° C
4A
DPAK
Tc = 160° C
SMB
Tc = 95° C
SMC
Tc = 95° C
TO-220FPAC
Tc = 150° C
DO-201AB
Tlead = 95° C
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
70
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AC / DPAK
3.5
°C/W
SMB
20
TO-220FPAC
6.5
DO-201AB
20
SMC
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com