Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16020101 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 16020101
Description  Insertion Tool for 70021,70028, 70110, 71851 Terminals / Extraction Tool for 91821 Terminals
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

16020101 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  16020101 Datasheet HTML 1Page - Molex Electronics Ltd. 16020101 Datasheet HTML 2Page - Molex Electronics Ltd. 16020101 Datasheet HTML 3Page - Molex Electronics Ltd. 16020101 Datasheet HTML 4Page - Molex Electronics Ltd. 16020101 Datasheet HTML 5Page - Molex Electronics Ltd. 16020101 Datasheet HTML 6Page - Molex Electronics Ltd. 16020101 Datasheet HTML 7Page - Molex Electronics Ltd. 16020101 Datasheet HTML 8Page - Molex Electronics Ltd. 16020101 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SL Crimp Terminal, Series 70058,
Female, 30-24 AWG, with 0.76µm
Selective Gold (Au) Plated Contact,
Bag
16020098
SL Crimp Terminal, Series 70058,
Female, 36-32 AWG, with 0.76µm
Selective Gold (Au) Plated Contact,
Bag
16020101
SL Crimp Terminal, Series 70058,
Female, 24-22 AWG, with Tin (Sn)
Plated Contact, Bag
16020102
SL Crimp Terminal, Series 70058,
Female, 24-22 AWG, with 0.38µm
Selective Gold (Au) Plated Contact,
Bag
16020103
SL Crimp Terminal, Series 70058,
Female, 24-22 AWG, with 0.76µm
Selective Gold (Au) Plated Contact,
Bag
16020104
SL Crimp Terminal, Series 70021,
Male, with Tin (Sn) Plated Contact,
30-24 AWG, Reel
16020105
SL Crimp Terminal, Series 70021,
Male, with Tin (Sn) Plated Contact,
36-32 AWG, Reel
16020106
SL Crimp Terminal, Series 70021,
Male, with Tin (Sn) Plated Contact,
24-22 AWG, Reel
16020107
SL Crimp Terminal, Series 70021,
Male, with Tin (Sn) Plated Contact,
30-24 AWG, Bag
16020108
SL Crimp Terminal, Series 70021,
Male, with 0.38µm Selective Gold
(Au) Plated Contact, 30-24 AWG,
Bag
16020109
SL Crimp Terminal, Series 70021,
Male, with 0.76µm Selective Gold
(Au) Plated Contact, 30-24 AWG,
Bag
16020110
SL Crimp Terminal, Series 70021,
Male, with Tin (Sn) Plated Contact,
36-32 AWG, Bag
16020111



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com