Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

875681663 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 875681663
Description  IDT - Manual - Tool Kit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

875681663 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  875681663 Datasheet HTML 1Page - Molex Electronics Ltd. 875681663 Datasheet HTML 2Page - Molex Electronics Ltd. 875681663 Datasheet HTML 3Page - Molex Electronics Ltd. 875681663 Datasheet HTML 4Page - Molex Electronics Ltd. 875681663 Datasheet HTML 5Page - Molex Electronics Ltd. 875681663 Datasheet HTML 6Page - Molex Electronics Ltd. 875681663 Datasheet HTML 7Page - Molex Electronics Ltd. 875681663 Datasheet HTML 8Page - Molex Electronics Ltd. 875681663 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Net Weight
1.000/g
Mates With / Use With
Use with Part(s)
Description
Part Number
IDT - Manual Press
11316356
Applicable Parts
Description
Part Number
Milli-Grid Cable-to-Board
Receptacle, Dual Row, IDT, Lead-
Free, 10 Circuits, 0.38µm Gold (Au)
Selective Plating, without Center
Polarization Key and Locking
Friction Ramp
875681063
Milli-Grid Cable-to-Board
Receptacle, Dual Row, IDT, Lead-
Free, 10 Circuits, 0.76µm Gold (Au)
Selective Plating, without Center
Polarization Key and Locking
Friction Ramp
875681064
Milli-Grid Cable-to-Board
Receptacle, Dual Row, IDT, Lead-
Free, 10 Circuits, 0.38µm Gold (Au)
Selective Plating, without Center
Polarization Key, with Locking
Friction Ramp
875681073
Milli-Grid Cable-to-Board
Receptacle, Dual Row, IDT, Lead-
Free, 10 Circuits, 0.76µm Gold (Au)
Selective Plating, without Center
Polarization Key, with Locking
Friction Ramp
875681074
Milli-Grid Cable-to-Board
Receptacle, Dual Row, IDT, Lead-
Free, 12 Circuits, 0.38µm Gold (Au)
Selective Plating, without Center
Polarization Key and Locking
Friction Ramp
875681263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com