Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

875681663 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 875681663
Description  IDT - Manual - Handtool
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

875681663 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button 875681663 Datasheet HTML 2Page - Molex Electronics Ltd. 875681663 Datasheet HTML 3Page - Molex Electronics Ltd. 875681663 Datasheet HTML 4Page - Molex Electronics Ltd. 875681663 Datasheet HTML 5Page - Molex Electronics Ltd. 875681663 Datasheet HTML 6Page - Molex Electronics Ltd. 875681663 Datasheet HTML 7Page - Molex Electronics Ltd. 875681663 Datasheet HTML 8Page - Molex Electronics Ltd. 875681663 Datasheet HTML 9Page - Molex Electronics Ltd. 875681663 Datasheet HTML 10Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Polarization Key and Locking
Friction Ramp
Milli-Grid Cable-to-Board
Receptacle, Dual Row, IDT, Lead-
Free, 20 Circuits, 0.38µm Gold (Au)
Selective Plating, with Center
Polarization Key, without Locking
Friction Ramp
875682043
Milli-Grid Cable-to-Board
Receptacle, Dual Row, IDT, Lead-
Free, 20 Circuits, 0.76µm Gold (Au)
Selective Plating, with Center
Polarization Key, without Locking
Friction Ramp
875682044
Milli-Grid Cable-to-Board
Receptacle, Dual Row, IDT, Lead-
Free, 20 Circuits, 0.38µm Gold (Au)
Selective Plating, without Center
Polarization Key and Locking
Friction Ramp
875682063
Milli-Grid Cable-to-Board
Receptacle, Dual Row, IDT, Lead-
Free, 20 Circuits, 0.76µm Gold (Au)
Selective Plating, without Center
Polarization Key and Locking
Friction Ramp
875682064
Milli-Grid Cable-to-Board
Receptacle, Dual Row, IDT, Lead-
Free, 20 Circuits, 0.38µm Gold (Au)
Selective Plating, with Center
Polarization Key and Locking
Friction Ramp
875682093
Milli-Grid Cable-to-Board
Receptacle, Dual Row, IDT, Lead-
Free, 20 Circuits, 0.76µm Gold (Au)
Selective Plating, with Center
Polarization Key and Locking
Friction Ramp
875682094
Milli-Grid Cable-to-Board
Receptacle, Dual Row, IDT, Lead-
Free, 22 Circuits, 0.38µm Gold (Au)
Selective Plating, with Center
Polarization Key, without Locking
875682243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com