Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4R2S Datasheet(PDF) 4 Page - STMicroelectronics

Part # 4R2S
Description  Ultrafast recovery diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4R2S Datasheet(HTML) 4 Page - STMicroelectronics

  4R2S Datasheet HTML 1Page - STMicroelectronics 4R2S Datasheet HTML 2Page - STMicroelectronics 4R2S Datasheet HTML 3Page - STMicroelectronics 4R2S Datasheet HTML 4Page - STMicroelectronics 4R2S Datasheet HTML 5Page - STMicroelectronics 4R2S Datasheet HTML 6Page - STMicroelectronics 4R2S Datasheet HTML 7Page - STMicroelectronics 4R2S Datasheet HTML 8Page - STMicroelectronics 4R2S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
STTH4R02
4/13
Figure 3.
Forward voltage drop versus
forward current (maximum values)
Figure 4.
Relative variation of thermal
impedance, junction to case,
versus pulse duration (T0-220AC,
DPAK)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I
FM(A)
T
j=25°C
T
j=150°C
VFM(V)
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Z
th(j-c)/Rth(j-c)
Single pulse
TO-220AC
DPAK
tp(s)
Figure 5.
Relative variation of thermal
impedance, junction to case,
versus pulse duration
(TO-220FPAC)
Figure 6.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration (SMB)
0.0
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z
th(j-c)/Rth(j-c)
Single pulse
TO-220FPAC
tp(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)/Rth(j-a)
SMB
S
Cu=1cm²
tp(s)
Figure 7.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration (DO-201AB)
Figure 8.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration (SMC)
1
10
100
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)(°C/W)
Single pulse
DO201AB
tp(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)/Rth(j-a)
SMC
S
Cu=1cm²
tp(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com