Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4274CZ Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS4274CZ
Description  400mA Ultra Low Dropout Fixed Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4274CZ Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS4274CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TS4274
400mA Ultra Low Dropout Fixed Voltage Regulator
2/10
Version: A07
Electrical Characteristics ( VIN=VOUT+1V, IL=5mA, CO=10uF, TA=25oC, unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
2.40
2.5
2.60
3.17
3.3
3.43
Output Voltage
5mA ≤ IL ≤ 500mA,
Vo+1V ≤ VIN ≤ 26V
4.80
5.0
5.20
V
Input Supply Voltage
--
--
26
V
Output Voltage Temperature Coefficient
--
50
150
ppm/
oC
Line Regulation
Vo+1V ≤ VIN ≤ 26V
--
0.05
0.5
%
Load Regulation
5mA ≤ IL ≤ 400mA
--
0.2
2.0
%
Dropout Voltage (Note 4)
IL=100mA
IL=250mA
IL=400mA
--
--
--
100
300
500
200
400
600
mV
Quiescent Current (Note 5)
IL=100uA
IL=250mA
IL=400mA
--
--
--
200
10
25
300
15
35
uA
mA
mA
Short Circuit Current (Note 6)
VOUT=0
--
600
900
mA
Output Noise,
10Hz to 100KHz, IL=10mA
CL=2.2uF
CL=3.3uF
CL=33uF
--
--
--
500
350
120
--
--
--
uVrms
Power Supply Ripple Rejection
F=100Hz, Vr=0.5Vss
--
60
--
dB
Thermal Performance
Condition
Package type
Typ
Unit
TO-220
60
TO-263
80
TO-252
150
Thermal Resistance
Junction to Ambient
SOT-223
170
oC/W
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed
specifications and test conditions see the electrical characteristics.
Note 2: Maximum positive supply voltage of 35V must be limited duration (<100mS) and duty cycle (<1%).
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction
to ambient thermal resistance, θJA, and the ambient temperature, Ta. Exceeding the maximum allowable
power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The
effective value of θJA can be reduced by using a heatsink.
Note 3: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
Note 4: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the
ground pin current and output load current.
Note 5: Output current will decrease with increasing temperature, but it will be not dropped below 400mA at the
maximum specified temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com