Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR450 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STR450
Description  UHF RECEIVER OPERATING INSTRUCTIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STR450 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STR450 Datasheet HTML 1Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 2Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 3Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 4Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 5Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 6Page - List of Unclassifed Manufacturers STR450 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RSSI
(when
fitted)
Figure 3
RV1
PL2
IC4
Location of
RSSI pin
when fitted
C15
L8
Figure 4
CONNECTION
The type of radio antenna connector (via RF) is determined by the letter designator as
follows:
S -
SMB miniature coaxial
connector
A -
flying lead with a BNC
connector
P -
PTFE (bush) feedthrough
The audio output (AF), squelch output (SQ) and DC supply (+V) connections are made
via feedthrough pins. These pins incorporate RF filtering, thus ensuring compliance
with the spurious radiation levels required by MPT1329 and similar specifications. The
squelch output (SQ) is an NPN open collector transistor driver. Connecting the anode
of a LED to the input supply rail and the cathode to the squelch output, via a suitable
current-limiting resistor, will provide an LED that is illuminated when no RF signal is
present.
RSSI Option
An ‘S’ meter output is always available for set-up purposes on the internal test point
TP1.
Depending on the version specified this signal may be wired to an extra
feedthrough pin, or it may replace the SQ output (the squelch mute will still operate in
this instance)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com