Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT41ZFILM Datasheet(PDF) 9 Page - STMicroelectronics

Part # BAT41ZFILM
Description  3-phase inverter based on STSPIN32F0251
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT41ZFILM Datasheet(HTML) 9 Page - STMicroelectronics

Back Button BAT41ZFILM Datasheet HTML 5Page - STMicroelectronics BAT41ZFILM Datasheet HTML 6Page - STMicroelectronics BAT41ZFILM Datasheet HTML 7Page - STMicroelectronics BAT41ZFILM Datasheet HTML 8Page - STMicroelectronics BAT41ZFILM Datasheet HTML 9Page - STMicroelectronics BAT41ZFILM Datasheet HTML 10Page - STMicroelectronics BAT41ZFILM Datasheet HTML 11Page - STMicroelectronics BAT41ZFILM Datasheet HTML 12Page - STMicroelectronics BAT41ZFILM Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
대
EVSPIN32F0251S1
Bill of material
Reference
Part Value
Description
Package
Manufacturer
Part Number
C81
4.7uF/50V
SMT ceramic capacitor
Size 1206
Wurth Elektronik
885012208094
D1,D4,D7
N.M.
Turbo 2 ultrafast high-voltage
rectifier
SMA
STMicroelectronics
STTH1L06A
D2,D3,D5, D6,
D8, D9, D10,
D11, D12, D13,
D26, D27, D28
BAT54J
40V, 300mA small signal
Schottky SMT Diode
SOD-323
STMicroelectronics
BAT54JFILM
D14
GBU802
8A glass passivated bridge
rectifiers
GBU
Diodes
Incorporated or
Taiwan
Semiconductor
GBU802 or GBU803
D15
3V3 N.M.
Zener
SOD-123
D16
DDZ9690T
Surface mount Zener diode
SOD523
Diodes
Incorporated
DDZ9690T-7
D17.D18
STTH1R04
Ultrafast recovery diode, 1A
400 V
SMA
STMicroelectronics
STTH1R04A
D19
BAT41Z
100V, 200mA Low
capacitance small signal
Schottky diode
SOD-123
STMicroelectronics
BAT41ZFILM
D20.D21, D22
BAT30SW
Small signal Schottky diodes
SOT-323
STMicroelectronics
BAT30SWFILM
D23.D24, D25
DA2JF2300L
300V fast recovery diode
SC-90A
(SMini2-F5-
B)
Panasonic
DA2JF2300L
F1A
N.M.
Time-lag radial lead micro
fuse, 250Vac
RST-Bel
Fuse
Bel Fuse
0697-xx
F1
10A/277 V
slow
Suface mount fuse, time-lag
T, 250Vac125Vdc
UMT250-
Shurter
Schurter
3403.0176.24
JP1
Closed 2-3
SMT jumper
Soldering
pad
JP2
Open
SMT jumper
Soldering
pad
JP3.JP4
Closed 1-2
Strip connector 3 pos,
2.54mm
1x3 pins
Wurth Elektronik
61300311121
JP5
Open
SMT jumper
Soldering
pad
JP6.JP7, JP8
Closed 2-4
Jumper to solder
Soldering
pads
JP9
Open
SMT jumper
JP10
Closed 2-4
Jumper to solder
Soldering
pads
J1,J7,J9
STRIP 1x4
Strip connector 4 pos,
2.54mm
1x4 pins
Wurth Elektronik
61300411121
J2
MORSV-508-
3P_screw
Connector terminal block T.H.
3 positions 5.08mm
3 poles, pitch
5.08
Wurth Elektronik
691213510003
J3
STRIP 1x5
Strip connector 5 pos,
2.54mm
1x5 pins
Wurth Elektronik
61300511121
J4
MORSV-508-
2P_screw
Connector terminal block T.H.
2 positions 5.08mm
2 poles, pitch
5.08
Wurth Elektronik
691213510002
J5
6510051612
1
Mini USB 2.0 type B SMD
Mini USB B
Wurth Elektronik
65100516121
DB3976 - Rev 1
page 9/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com