Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30SWFILM Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAT30SWFILM
Description  3-phase inverter based on STSPIN32F0251
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30SWFILM Datasheet(HTML) 1 Page - STMicroelectronics

  BAT30SWFILM Datasheet HTML 1Page - STMicroelectronics BAT30SWFILM Datasheet HTML 2Page - STMicroelectronics BAT30SWFILM Datasheet HTML 3Page - STMicroelectronics BAT30SWFILM Datasheet HTML 4Page - STMicroelectronics BAT30SWFILM Datasheet HTML 5Page - STMicroelectronics BAT30SWFILM Datasheet HTML 6Page - STMicroelectronics BAT30SWFILM Datasheet HTML 7Page - STMicroelectronics BAT30SWFILM Datasheet HTML 8Page - STMicroelectronics BAT30SWFILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
life.augmented
EVSPIN32F0251S1
Data brief
3-phase inverter based on STSPIN32F0251
Features
•
Input voltage 什om 20 V to 120 V DC/AC
•
STD17NF25 MOSFETs power stage featuring:
-
V
DS = 250 V
-
Ros(on)max.= 0.165 Q
•
Overcurrent threshold set to 16 A
peak
•
Dual footprint for IGBT/MOSFET package:
一
DPAK
-
PowerFlat 6x5
•
Single-shunt current sensing, suitable for:
-
Sensored or sensorless 6 steps algorithm
-
Single-shunt vector (FOC) algorithm
•
Smart shutdown overcurrent protection
•
Digital Hall sensors and encoder input
•
Bus voltage sensing
•
15 V VCC and 3.3 V VDD supplies
•
Embedded ST-LINK/V2-1
•
Easy user interface with buttons and trimmer
•
RoHS compliant
Product status link
EVSPIN32F0251S1
Application
•
Battery operated and 110 Vac supplied power and garden tools
•
Industrial fans and pumps
•
Home appliances
•
Industrial and home automation
Description
The EVSPIN32F0251S1 board is a 3-phase complete inverter based on the
STSPIN32F0251 controller, which embeds a 3-phase 250 V gate driver and a
Cortex®-M0 STM32 MCU. The power stage features STD17NF25 MOSFETs, but
can be populated with any IGBT or Power MOSFET in DPAK or powerFLAT 6x5
package.
The board has a single-shunt sensing topology, and both the field-oriented control
(FOC) and sensored or sensorless 6-step control can be implemented. This allows
driving permanent magnet synchronous motors (PMSMs) and brushless DC (BLDC)
motors.
The evaluation board is compatible with a wide range input voltage from 20 V to 120
V DC/AC, and includes a power supply stage with the VIPER013BLS in buck
configuration to generate +15 V and +3.3 V supply voltage required by the
application.
DB3976 - Rev 1 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - BAT30SWFILM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT30SWFILM STMICROELECTRONICS-BAT30SWFILM Datasheet
157Kb / 12P
Small signal Schotky diodes
24-Jul-2006
BAT30SWFILM STMICROELECTRONICS-BAT30SWFILM Datasheet
168Kb / 14P
Small signal Schottky diodes
13-Oct-2009
BAT30SWFILM STMICROELECTRONICS-BAT30SWFILM Datasheet
254Kb / 12P
Small signal Schottky diodes
01-Apr-2015
More results

Similar Description - BAT30SWFILM

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKIIP25AC125V10 SEMIKRON-SKIIP25AC125V10 Datasheet
1Mb / 2P
3-phase bridge inverter
SK15GD126ET SEMIKRON-SK15GD126ET_06 Datasheet
719Kb / 4P
3-phase bridge inverter
SK25GD126ET SEMIKRON-SK25GD126ET_06 Datasheet
696Kb / 4P
3-phase bridge inverter
SK25GD065ET SEMIKRON-SK25GD065ET_06 Datasheet
686Kb / 4P
3-phase bridge inverter
SK35GD065ET SEMIKRON-SK35GD065ET_07 Datasheet
658Kb / 4P
3-phase bridge inverter
SKIIP15AC066V1 SEMIKRON-SKIIP15AC066V1 Datasheet
951Kb / 2P
3-phase bridge inverter
logo
STMicroelectronics
STEVAL-IHM021V2 STMICROELECTRONICS-STEVAL-IHM021V2 Datasheet
176Kb / 5P
100 W, 3-phase inverter based on the L6390 and UltraFASTmesh??MOSFET for speed FOC of 3-phase PMSM motor drives
10-Nov-2011
STEVAL-IHM045V1 STMICROELECTRONICS-STEVAL-IHM045V1 Datasheet
353Kb / 7P
3-phase high voltage inverter power board for FOC based on the STGIPN3H60A (SLLIMM™ nano)
May 2014 Rev 1
logo
Semikron International
IGD-1-424-P1N4-DL-FA SEMIKRON-IGD-1-424-P1N4-DL-FA Datasheet
409Kb / 6P
3-phase inverter
logo
STMicroelectronics
EVSPIN32F06Q1S1 STMICROELECTRONICS-EVSPIN32F06Q1S1 Datasheet
4Mb / 22P
3-phase inverter based on STSPIN32F0601
January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com