Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5201 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS5201
Description  200mA Low Noise LDO Voltage Regulator with Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5201 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5201 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5201 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5201 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5201 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5201 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5201 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5201 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS5201
200mA Low Noise LDO
Voltage Regulator with Enable
1/7
Version: A07
SOP-8
General Description
TS5201 is an efficient linear voltage regulator with ultra low noise output, very low dropout voltage (typically 17mV at
light loads and 165mV at 200mA), and very low power consumption (600uA at 100mA), providing high output current
even when the application requires very low dropout voltage. The Chip Enable (EN) includes a CMOS or TTL
compatible input allows the output to be turned off to prolong battery life. When shutdown, power consumption drops
nearly to zero. TS5201 is included a precision voltage reference, error correction circuit, a current limited output
driver, over temperature shutdown, revered battery protection and a reference bypass pin to improve its already
excellent low-noise performance.
Features
●
Ultra Low Noise Output
●
Output Current up to 200mA
●
Low Dropout Voltage
●
Low Power Consumption
●
“Zero” Off-mode Current
●
Logic Controlled Electronic Enable
●
Internal Current Limit
●
Thermal Shutdown Protection
Application
●
Cellular Telephones
●
Palmtops, Notebook Computers
●
Battery Powered Equipment
●
Consumer and Personal Electronics
●
SMPS Post Regulator and DC to DC Modules
●
High-efficiency Linear Power Supplies
●
Portable Application
Ordering Information
Part No.
Package
Packing
TS5201CSxx RF
SOP-8
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
50=5.0V
33=3.3V
30=3.0V
25=2.5V
Leave blank for adjustable version. Contact factory
for additional voltage options.
Typical Application Circuit
Adjustable Version: VOUT = 1.24 (R1+R2)/R2
(Adjustable output range up to 8V)
EN (pin3) may be connected directly to VIN (pin 1)
Low noise operation: CBYP =470pF, COUT >2.2uF
Basic operation: CBYP =not used, COUT >2uF
Pin Definition:
1. Output
8. Input
2. ADJ / N/C
7. N/C
3. Ground
6. N/C
4. N/C
5. Enable
VIN
VOUT
COUT
2.2uF
off
EN
on
EN
VIN
VOUT
COUT
2.2uF
on
off
R1
R2
TS5201CS
TS5201CSxx


Similar Part No. - TS5201

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5201 TSC-TS5201 Datasheet
270Kb / 6P
200mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201 Datasheet
270Kb / 6P
200mA Low Noise LDO Voltage Regulator with Enable
TS5201CS TSC-TS5201CS Datasheet
270Kb / 6P
200mA Low Noise LDO Voltage Regulator with Enable
TS5201CS TSC-TS5201CS Datasheet
270Kb / 6P
200mA Low Noise LDO Voltage Regulator with Enable
TS5201CSRF TSC-TS5201CSRF Datasheet
335Kb / 7P
200mA Low Noise LDO Voltage Regulator with Enable
More results

Similar Description - TS5201

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201 Datasheet
270Kb / 6P
200mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_1 Datasheet
270Kb / 6P
200mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215 Datasheet
174Kb / 7P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215_07 Datasheet
385Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_08 Datasheet
335Kb / 7P
200mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX533 TSC-TS5215CX533 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com