Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4558CS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS4558CS
Description  Dual General Purpose Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4558CS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS4558CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4558CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4558CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4558CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4558CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4558CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS4558CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS4558
Dual General Purpose Operational Amplifier
2/7
Version: A07
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Supply Voltage
Vcc +
18
V
Supply Voltage
Vcc -
-18
V
Differential Input Voltage
VIDR
±30
V
Input Voltage
Vin
30
V
DIP-8
97
Package Thermal Impedance
SOP-8
θja
85
°C/W
Operating Junction Temperature Range
TJ
0 ~ +70
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Lead Temperature 1.6mm(1/16”) from case for 10Sec.
TLEAD
260
°C
Note: Maximum ratings are those values beyond which damage to the device may occur, and functional operation
should be restricted to the recommended operating condition.
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Supply Voltage
Vcc +
15
V
Supply Voltage
Vcc -
-15
V
Electrical Specifications (VCC = ±15V, Ta =25oC; unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Current
Iio
--
20
±200
nA
Input Bias Current
Iib
--
150
500
nA
Input Resistance
Ri
0.3
5
--
MΩ
Unity Gain Bandwidth
B1
--
3
--
MHz
Large-Signal Voltage Gain
Av
RL ≥ 2kΩ, Vc = ±10V
20
300
--
V/mV
RL ≥ 10kΩ
±12
±14
--
Output Voltage Swing
Vom
RL ≥ 2kΩ
±10
±14
--
V
Input Common-Mode Voltage
Range
Vicr
±12
±13
--
V
Common-Mode Rejection Ratio
CMRR
Rs ≤ 10kΩ
70
90
--
dB
Supply Voltage Rejection Ratio
PSRR
Rs ≤ 10kΩ
--
30
150
uV/V
Slew Rate
SR
RL = 2kΩ, Vin=10V,
L=100pF
0.8
1.6
--
V/uS
Supply Current
I+, I -
--
2.5
5.6
mA
Power Consumption
Pc
RL = ∞
--
75
170
mV
Input Noise Voltage
Vn
Rs = 1kΩ, f = 30Hz~30KHz
--
--
3.5
uVrms
Source Current
Isource
-20
--
--
mA
Sink Current
Isink
20
--
--
mA
Note : All characteristics are measured under open-loop conditions with zero common-mode input voltage, unless
otherwise specified.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com