Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS560DF810ALUT Datasheet(PDF) 8 Page - Texas Instruments

Part # DS560DF810ALUT
Description  DS560DF810 56 Gbps Multi-Rate 8-Channel Retimer with Crosspoint
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS560DF810ALUT Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS560DF810ALUT Datasheet HTML 3Page - Texas Instruments DS560DF810ALUT Datasheet HTML 4Page - Texas Instruments DS560DF810ALUT Datasheet HTML 5Page - Texas Instruments DS560DF810ALUT Datasheet HTML 6Page - Texas Instruments DS560DF810ALUT Datasheet HTML 7Page - Texas Instruments DS560DF810ALUT Datasheet HTML 8Page - Texas Instruments DS560DF810ALUT Datasheet HTML 9Page - Texas Instruments DS560DF810ALUT Datasheet HTML 10Page - Texas Instruments DS560DF810ALUT Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.ti.com
PACKAGE OUTLINE
8.15
7.85
13.15
12.85
1.55 MAX
0.405
0.325
135X
0.51
0.41
11.2 TYP
6.4 TYP
0.8 TYP
0.8 TYP
(0.8)
(0.9)
(0.58)
FCBGA - 1.55 mm max height
ALU0135A
PLASTIC BALL GRID ARRAY
4225902/C 03/2022
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
14
BALL A1
CORNER
0.15 C
0.2 C
SEATING PLANE
0.35 C
0.2
C A B
0.08
C
SYMM
SYMM
J
1
H
2
3
4
5
6
7
8
9
10
11
12
13
15
G
F
E
D
C
B
A
SCALE 1.500
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com