Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL914B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LL914B
Description  500mW Hermetically Sealed Glass Fast Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL914B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LL914B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL914B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (L
L4448/LL4148/LL914B)
Figure 1. Forward Current vs. Forward Voltage
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
LL4148
Scattering Limit
Tj = 25 °C
Figure 2. Forward Current vs. Forward Voltage
Tj =25
°C
LL4448
Scattering Limit
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
www.vishay.com
3
Figure 3. Reverse Current vs. Reverse Voltage
1
10
100
1000
VR -Reverse Voltage (V)
10
1
100
Tj = 25 °C
Scattering Limit
Figure 4. Diode Capacitance vs. Reverse Voltage
0.1
1
10
0
0.5
1.0
1.5
2.0
3.0
100
2.5
VR -Reverse Voltage (V)
T
f=1MHz
j = 25 °C
Version: B07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com