Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA121UA/2K5 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA121UA/2K5
Description  FET-Input, Low Power INSTRUMENTATION AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA121UA/2K5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA121UA/2K5 Datasheet HTML 6Page - Texas Instruments INA121UA/2K5 Datasheet HTML 7Page - Texas Instruments INA121UA/2K5 Datasheet HTML 8Page - Texas Instruments INA121UA/2K5 Datasheet HTML 9Page - Texas Instruments INA121UA/2K5 Datasheet HTML 10Page - Texas Instruments INA121UA/2K5 Datasheet HTML 11Page - Texas Instruments INA121UA/2K5 Datasheet HTML 12Page - Texas Instruments INA121UA/2K5 Datasheet HTML 13Page - Texas Instruments INA121UA/2K5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
®
INA121
INA121
R
G
100
Ω
V
O
+10V
Bridge
G = 500
Ref
A
1
A
2
A
3
40k
Ω
40k
Ω
40k
Ω
40k
Ω
R
G
V+
V–
INA121
V
O = G • VD
G = 1 +
50k
Ω
R
G
25k
Ω
25k
Ω
V
CM –
G • V
D
2
V
D
2
V
D
2
V
CM
V
CM +
G • V
D
2
A combination of common-mode and differential input
voltage can cause the output of A
1 or A2 to saturate. Figure
4 shows the output voltage swing of A1 and A2 expressed in
terms of a common-mode and differential input voltages.
For applications where input common-mode range must be
maximized, limit the output voltage swing by connecting the
INA121 in a lower gain (see performance curve “Input
Common-Mode Voltage Range vs Output Voltage”). If
necessary, add gain after the INA121 to increase the voltage
swing.
Input-overload can produce an output voltage that appears
normal. For example, if an input overload condition drives
both input amplifiers to their positive output swing limit, the
difference voltage measured by the output amplifier will be
near zero. The output of A3 will be near 0V even though both
inputs are overloaded.
LOW VOLTAGE OPERATION
The INA121 can be operated on power supplies as low as
±2.25V. Performance remains excellent with power supplies
ranging from
±2.25V to ±18V. Most parameters vary only
slightly throughout this supply voltage range—see typical
performance curves. Operation at very low supply voltage
requires careful attention to assure that the input voltages
remain within their linear range. Voltage swing requirements
of internal nodes limit the input common-mode range with low
power supply voltage. Typical performance curves, “Input
Common-Mode Range vs Output Voltage” show the range of
linear operation for
±15V, ±5V, and ±2.5V supplies.
INPUT FILTERING
The INA121’s FET input allows use of an R/C input filter
without creating large offsets due to input bias current.
Figure 5 shows proper implementation of this input filter to
preserve the INA121’s excellent high frequency common-
mode rejection. Mismatch of the common-mode input time
constant (R
1C1 and R2C 2), either from stray capacitance or
mismatched values, causes a high frequency common-mode
signal to be converted to a differential signal. This degrades
common-mode rejection. The differential input capacitor,
C
3, reduces the bandwidth and mitigates the effects of
mismatch in C1 and C 2. Make C3 much larger than C1 and
C
2. If properly matched, C1 and C2 also improve ac CMR.
FIGURE 4. Voltage Swing of A1 and A2.
FIGURE 5. Input Low-Pass Filter.
FIGURE 6. Bridge Transducer Amplifier.
f
−3dB =
1
4
π R
1
C
3 +
C
1
2


INA121
V
O
V
IN
–
V
IN
+
R
1
R
2
C
3
C
1
C
2
R
1 = R2
C
1 = C2
C
3 ≈ 10C1
FET input allows use
of large resistors and
small capacitors.
Ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com