Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159-EP Datasheet(PDF) 1 Page - Texas Instruments

Part # INA159-EP
Description  Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159-EP Datasheet(HTML) 1 Page - Texas Instruments

  INA159-EP Datasheet HTML 1Page - Texas Instruments INA159-EP Datasheet HTML 2Page - Texas Instruments INA159-EP Datasheet HTML 3Page - Texas Instruments INA159-EP Datasheet HTML 4Page - Texas Instruments INA159-EP Datasheet HTML 5Page - Texas Instruments INA159-EP Datasheet HTML 6Page - Texas Instruments INA159-EP Datasheet HTML 7Page - Texas Instruments INA159-EP Datasheet HTML 8Page - Texas Instruments INA159-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FEATURES
D GAIN OF 0.2 TO INTERFACE ±10V SIGNALS
TO SINGLE-SUPPLY ADCs
D GAIN ACCURACY: ±0.024% (max)
D WIDE BANDWIDTH: 1.5MHz
D HIGH SLEW RATE: 15V/µs
D LOW OFFSET VOLTAGE: ±100µV
D LOW OFFSET DRIFT: ±1.5µV/°C
D SINGLE-SUPPLY OPERATION DOWN TO 1.8V
APPLICATIONS
D INDUSTRIAL PROCESS CONTROLS
D INSTRUMENTATION
D DIFFERENTIAL TO SINGLE-ENDED
CONVERSION
D AUDIO LINE RECEIVERS
DESCRIPTION
The INA159 is a high slew rate, G = 1/5 difference amplifier
consisting of a precision op amp with a precision resistor
network. The gain of 1/5 makes the INA159 useful to
couple ±10V signals to single-supply analog-to-digital
converters (ADCs), particularly those operating on a single
+5V supply. The on-chip resistors are laser-trimmed for
accurate gain and high common-mode rejection. Excellent
temperature coefficient of resistance (TCR) tracking of the
resistors maintains gain accuracy and common-mode
rejection over temperature. The input common-mode
voltage range extends beyond the positive and negative
supply rails. It operates on a total of +1.8V to +5.5V single
or split supplies. The INA159 reference input uses two
resistors for easy mid-supply or reference biasing.
The difference amplifier is the foundation of many
commonly-used circuits. The INA159 provides this circuit
function without using an expensive external precision
resistor network. The INA159 is available in an MSOP-8
surface-mount package and is specified for operation over
the extended industrial temperature range, −40°C to
+125°C.
20k
Ω
100k
Ω
40k
Ω
100k
Ω
40k
Ω
R1
100
Ω
ADS8325
ADC
DOUT
DCLOCK
CS
REF
VREF
5V
+IN
−IN
V+
V+
GND
C1
1000pF
SENSE
REF 2
REF 1
VIN
+IN
−IN
INA159
Figure 1. Typical Application
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
INA159
SBOS333B − JULY 2005 − REVISED OCTOBER 2005
Precision, Gain of 0.2 Level Translation
DIFFERENCE AMPLIFIER
www.ti.com
Copyright  2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - INA159-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA159-EP TI-INA159-EP Datasheet
529Kb / 18P
PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
INA159-EP TI2-INA159-EP Datasheet
1Mb / 21P
PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
NOVEMBER 2008
INA159-EP TI1-INA159-EP_16 Datasheet
933Kb / 20P
PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
More results

Similar Description - INA159-EP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA145 BURR-BROWN-INA145 Datasheet
127Kb / 11P
Programmable Gain DIFFERENCE AMPLIFIER
logo
National Semiconductor ...
LMP8270 NSC-LMP8270 Datasheet
458Kb / 5P
High Common Mode, Gain of 20, Precision Voltage Difference Amplifiers
logo
Texas Instruments
INA159 TI-INA159 Datasheet
246Kb / 14P
Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159-EP TI-INA159-EP Datasheet
529Kb / 18P
PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
INA159 TI1-INA159_12 Datasheet
605Kb / 17P
Precision, Gain of 0.2 Level Translation
INA145 TI1-INA145 Datasheet
330Kb / 15P
Programmable Gain DIFFERENCE AMPLIFIER
INA159 TI1-INA159_13 Datasheet
640Kb / 18P
Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159-EP TI1-INA159-EP_16 Datasheet
933Kb / 20P
PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
logo
Analog Devices
LT1997-1 AD-LT1997-1 Datasheet
1Mb / 30P
Precision, High Voltage, Gain Selectable Difference/Current Sense Amplifier
AD8271 AD-AD8271 Datasheet
381Kb / 20P
Programmable Gain Precision Difference Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com