Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS9002 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS9002
Description  300mA CMOS LDO with Enable & Power Good
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9002 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9002 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS9002 Series
300mA CMOS
LDO with Enable & Power Good
2/5
Version: A07
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
+7
V
Enable Input Voltage
Vce
Gnd-0.3 ~ Vin+0.3
V
Output Current
IO
Pd / (Vin – Vout)
Power Dissipation
PD
380
mW
Thermal Resistance
Өja
260
°C /W
Operating Junction Temperature Range
Tj
-40 ~ +125
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Lead Soldering Temperature (260 °C)
10
S
Notes: Stress above the listed absolute rating may cause permanent damage to the device.
Detail Description
The TS9002 family of CMOS regulators contain a PMOS pass transistor, voltage reference, error amplifier, over-
current protection, thermal shutdown, and power good function.
The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal protection
circuits. During normal operation, the error amplifier compares the output voltage to a precision reference. Over-current
and Thermal shutdown circuits become active when the junction temperature exceeds 150
o
C, or the current exceeds
300mA. During thermal shutdown, the output voltage remains low. Normal operation is restored when the junction
temperature drops below 120
o
C.
The TS9002 switches from voltage mode to current mode when the load exceeds the rated output current. This
prevents over-stress. The TS9002 also incorporates current foldback to reduce power dissipation when the output is
short circuit. This feature becomes active when the output drops below 0.8volts, and reduces the current flow by 65%.
Full current is restored when the voltage exceeds 0.8 volts.
External Capacitors
The TS9002 is stable with an output capacitor to ground of 2.2mF or greater. Ceramic capacitors have the lowest ESR,
and will offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the highest ESR, resulting
in the poorest AC response. Unfortunately, large value ceramic capacitors are comparatively expensive. One option is
to parallel a 0.1mF ceramic capacitor with a 10mF Aluminum Electrolytic. The benefit is low ESR, high capacitance,
and low overall cost.
A second capacitor is recommended between the input and ground to stabilize Vin. The input capacitor should be at
least 0.1mF to have a beneficial effect.
All capacitors should be placed in close proximity to the pins. A "Quiet" ground termination is desirable. This can be
achieved with a "Star" connection
Enable
The Enable pin normally floats high. When actively, pulled low, the PMOS pass transistor shuts off, and all internal
circuits are powered down. In this state, the quiescent current is less than 1mA. This pin behaves much like an
electronic switch.
Power Good
The TS9002 includes the Power Good feature. When the output is not within? 5% of the specified voltage, it pulls low.
This can occur under the following conditions:
(1) Input Voltage too low. (2) During Over-Temperature. (3) During Over-Current
(4) If output is pulled up.
(Note: PG pin is an open-drain output)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com