Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPF693 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPF693
Description  Fiber Optic Transmitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF693 Datasheet(HTML) 4 Page - TT Electronics.

  OPF693 Datasheet HTML 1Page - TT Electronics. OPF693 Datasheet HTML 2Page - TT Electronics. OPF693 Datasheet HTML 3Page - TT Electronics. OPF693 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© TT electronics plc 
General Note  
TT Electronics reserves the right to make changes in product specifica on without 
no ce or liability.  All informa on is subject to TT Electronics’ own data and is 
considered accurate at  me of going to print. 
Fiber Optic Transmitter
OPF693‐2 
Rev B      08/2016     Page 4 
TT Electronics | OPTEK Technology 
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200 
www. electronics.com | sensors@ electronics.com 
Performance
-40°C
80°C
Temperatures are Stepped 
in 20°C increments. 
0
20
40
60
80
100
0
0.2
1.2
0.4
0.6
0.8
1.0
1.4
Rela ve Coupled Power vs.
Forward Current
Forward Current (mA) 
-40°C
80°C
Temperatures are Stepped 
in 20°C increments. 
0
20
40
60
80
100
1.2
1.3
1.8
1.4
1.5
1.6
1.7
2.0
Typical Forward Voltage vs.
Forward Current
Forward Current (mA) 
1.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com