Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC138 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74AC138
Description  3 TO 8 LINE DECODER INVERTING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC138 Datasheet(HTML) 5 Page - STMicroelectronics

  74AC138 Datasheet HTML 1Page - STMicroelectronics 74AC138 Datasheet HTML 2Page - STMicroelectronics 74AC138 Datasheet HTML 3Page - STMicroelectronics 74AC138 Datasheet HTML 4Page - STMicroelectronics 74AC138 Datasheet HTML 5Page - STMicroelectronics 74AC138 Datasheet HTML 6Page - STMicroelectronics 74AC138 Datasheet HTML 7Page - STMicroelectronics 74AC138 Datasheet HTML 8Page - STMicroelectronics 74AC138 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74AC138
5/10
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 Ω, Input tr = tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/n (per circuit)
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time
A, B, C to Y
3.3(*)
1.5
5.5
10.5
1.5
14.0
1.5
15.4
ns
5.0(**)
1.5
4.5
9.0
1.5
10.0
1.5
11.0
tPLH tPHL Propagation Delay
Time
G1 to Y
3.3(*)
1.5
6.0
10.5
1.5
14.0
1.5
15.4
ns
5.0(**)
1.5
4.5
11.0
1.5
10.0
1.5
11.0
tPLH tPHL Propagation Delay
Time
G2A or G2B to Y
3.3(*)
1.5
5.5
10.5
1.5
12.7
1.5
14.0
ns
5.0(**)
1.5
4.5
9.0
1.5
10.0
1.5
10.0
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
4
pF
CPD
Power Dissipation
Capacitance
(note 1)
5.0
fIN = 10MHz
60
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com