Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS691 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPS691
Description  LED and Photosensor Pairs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPS691 Datasheet(HTML) 4 Page - TT Electronics.

  OPS691 Datasheet HTML 1Page - TT Electronics. OPS691 Datasheet HTML 2Page - TT Electronics. OPS691 Datasheet HTML 3Page - TT Electronics. OPS691 Datasheet HTML 4Page - TT Electronics. OPS691 Datasheet HTML 5Page - TT Electronics. OPS691 Datasheet HTML 6Page - TT Electronics. OPS691 Datasheet HTML 7Page - TT Electronics. OPS691 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LED and Photosensor Pairs
OPS666, OPS667, OPS691, OPS692, OPS693,
OPS698
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev B 02/2020 Page 4
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage & Operating Temperature Range
-40° C to +100° C
Lead Soldering Temperature [1/16 inch (1.6mm) from the case for 5 sec. with soldering iron]
260° C
(1)
Input Diode
Forward DC Current
50 mA
Peak Forward Current (1 μs pulse width, 300 pps)
3.0 A
Reverse DC Voltage
2.0 V
Power Dissipation
100 mW
(2)
Output Photosensor (OPS666/667) or Output Phototransistor (691/692/693/698)
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5 V
Power Dissipation
100 mW
(2)
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com