Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS693 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPS693
Description  LED and Photosensor Pairs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPS693 Datasheet(HTML) 2 Page - TT Electronics.

  OPS693 Datasheet HTML 1Page - TT Electronics. OPS693 Datasheet HTML 2Page - TT Electronics. OPS693 Datasheet HTML 3Page - TT Electronics. OPS693 Datasheet HTML 4Page - TT Electronics. OPS693 Datasheet HTML 5Page - TT Electronics. OPS693 Datasheet HTML 6Page - TT Electronics. OPS693 Datasheet HTML 7Page - TT Electronics. OPS693 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LED and Photosensor Pairs
OPS666, OPS667, OPS691, OPS692, OPS693,
OPS698
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev B 02/2020 Page 2
Electrical Specifications
OPS691, OPS692, OPS693
Pin #
LED
X=0.060” (1.5mm)
Sensor
X=0” (0.0mm)
1
Cathode
Emitter / Anode
2
Anode
Collector / Cathode
Pin #
LED
X=0.060” (1.5
Sensor
X=0” (0.0 mm)
1
Cathode
Emitter/Anode
2
Anode
Collector/Cathode
1
2
2
1
OPS666, OPS667
Pin #
LED & Diode
X=0.060” (1.5
Transistor
X=0” (0.0 mm)
1
Anode
Emitter
2
Cathode
Collector
1
2
1
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com