Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLLY8C7 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVLLY8C7
Description  Cylindrical High-Intensity LED (5 mm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLLY8C7 Datasheet(HTML) 2 Page - TT Electronics.

  OVLLY8C7 Datasheet HTML 1Page - TT Electronics. OVLLY8C7 Datasheet HTML 2Page - TT Electronics. OVLLY8C7 Datasheet HTML 3Page - TT Electronics. OVLLY8C7 Datasheet HTML 4Page - TT Electronics. OVLLY8C7 Datasheet HTML 5Page - TT Electronics. OVLLY8C7 Datasheet HTML 6Page - TT Electronics. OVLLY8C7 Datasheet HTML 7Page - TT Electronics. OVLLY8C7 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Cylindrical High-Intensity LED (5 mm)
OVLLx8C7
© TT electronics plc
Rev C
11/2016
Page 2
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-40 ~ +100° C
Operating Temperature Range
-40 ~ +100° C
Reverse Voltage
5 V
Continuous Forward Current
Blue, Green
25 mA
Continuous Forward Current
Red, Yellow
50 mA
Peak Forward Current (10% Duty Cycle, 1 KHz)
100 mA
Power Dissipation
Blue, Green
100 mW
Power Dissipation
Red, Yellow
120 mW
Lead Soldering Temperature (4 mm from the base of the epoxy bulb)
1
260° C / 5 seconds
LED Junction Temperature
125° C
Electrostatic Discharge Classification (JEDEC-JESD22-A114F)
Class 1C
Current Linearity vs. Ambient Temperature
Blue, Green
-0.29 mA/° C
Current Linearity vs. Ambient Temperature
Red, Yellow
-0.72 mA/° C
Electrical Specifications
Electrical Characteristics TA = 25o C unless otherwise noted
SYMBOL
PARAMETER
COLOR
MIN
TYP
MAX
UNITS
CONDITIONS
Iv
Luminous Intensity
Blue
295
440
----
mcd
IF = 20 mA
Green
1135
2400
----
Red
580
900
----
Yellow
580
980
----
VF
Forward Voltage
Blue, Green
----
3.2
4.0
V
IF = 20 mA
Red, Yellow
----
2.0
2.4
IR
Reverse Current
Blue, Green
----
----
10
µA
VR = 5 V
Red, Yellow
λD
Dominant Wavelength
Blue
460
470
475
nm
IF = 20 mA
Green
519
525
531
Red
620
623
630
Yellow
585
589
595
2Θ½H-H
50% Power Angle
Blue, Green
----
85
----
deg
IF = 20 mA
Red, Yellow
----
100
----



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com