Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVS5MBBCR4 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVS5MBBCR4
Description  Mini Half-Watt SMD 3.5mm (120° Viewing Angle)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS5MBBCR4 Datasheet(HTML) 1 Page - TT Electronics.

  OVS5MBBCR4 Datasheet HTML 1Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 2Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 3Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 4Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 5Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 6Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 7Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Mini Half-Watt SMD 3.5mm (120° Viewing
Angle)
Description:
-
-
-
Applications:
·
·
·
·
·
Features:
·
·
-
·
·
·
·


Similar Part No. - OVS5MBBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVS5MBBCR4 OPTEK-OVS5MBBCR4 Datasheet
765Kb / 11P
Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1,020Kb / 8P
Robust energy-efficient design with long operating life
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1Mb / 13P
Robust energy-efficient design with long operating life
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1Mb / 13P
Low thermal resistance
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1Mb / 13P
Low thermal resistance
More results

Similar Description - OVS5MBBCR4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
Half Watt Zeners
logo
OPTEK Technologies
OVSRRGBBC9 OPTEK-OVSRRGBBC9 Datasheet
1Mb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
1-Watt SMD 6mm (120째 Viewing Angle)
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
10-Watt Lednium SMD (120째 Viewing Angle)
OVS5R4CR44 OPTEK-OVS5R4CR44 Datasheet
522Kb / 7P
5-Watt SMD 6x6mm 40째 Viewing Angle
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
5-Watt SMD 6mm White (120째 Viewing Angle)
logo
List of Unclassifed Man...
OVSRRGBCC3 ETC2-OVSRRGBCC3 Datasheet
231Kb / 7P
Full-Color 1204 SMD (150째 Viewing Angle)
logo
OPTEK Technologies
OVS5MBBCR4 OPTEK-OVS5MBBCR4 Datasheet
765Kb / 11P
Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
10-Watt Lednium SMD (120째 Viewing Angle)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com