Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSP4850DM Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # MCSP4850DM
Description  SOFT START/SOFT STOP SOLID STATE RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MCSP4850DM Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  MCSP4850DM Datasheet HTML 1Page - Sensata Technologies, Inc. MCSP4850DM Datasheet HTML 2Page - Sensata Technologies, Inc. MCSP4850DM Datasheet HTML 3Page - Sensata Technologies, Inc. MCSP4850DM Datasheet HTML 4Page - Sensata Technologies, Inc. MCSP4850DM Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
Description
25A
50A
90A
Maximum Load Current [Arms]
25
50
90
Minimum Load Current [mArms]
150
150
150
Maximum Surge Current (16.6 msec) [Apk]
250
625
1200
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
1.6
Thermal Resistance Junction to Case (Rjc) [°C/W]
1.02
0.63
0.28
Maximum I² t for Fusing (8.3 msec) [A²sec]
260
1620
6000
Description
Parameters
Minimum Power Factor (with Maximum Load)
0.5
Dielectric Strength, Input/Output/Base (50/60 Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohms
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-20 to 80˚C
Ambient Storage Temperature Range
-40 to 125˚C
Output (current)
General
Description
DC Control
DC Voltage Supply Range (VDC) [P1]
8-32
Input Current Range [mA] [P1]
28-30
Nominal Input Impedance [Ohm] [P3]
30K
Control Must Operate Voltage “On”[VDC][P3]
5-32
Control Must Release Voltage “O” [VDC][P3]
0-4
Control Input Current [mA][P3]
0-2.6
PLV Range Option A [VDC][P4]
0.5-5
PLV Range Option B [VDC][P4]
1.25-7
PLV Range Option C [VDC][P4]
2-10
PLV Range Option D [VDC][P4]
4-20
Nominal Input Impedance Option A,B,C [Ohm][P4]
20K
Nominal Input Impedance Option D [Ohm][P4]
220
Input (1)
Conditions
Initial Logic Supply
Flash Once
Load Voltage Missing/Load Open (w/control disabled)
Flash Once Intermittenly
Load Voltage Missing/Load Open (w/control enabled)
O
Ramp Time (Soft Start upon P3 Enabled)
O to Bright
Ramp Time (Soft Start upon P3 Disabled)
Bright to O
Output ON (Normally Steady Operation)
On
Output Status Functions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com