Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS9012 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS9012
Description  300mA Low Quiescent Current CMOS LDO with Enable Function
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9012 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9012 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9012 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9012 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9012 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9012 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS9012
300mA Low Quiescent Current CMOS LDO
with Enable Function
3/5
Version: A07
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation at any Ta is Pd(max) = [ TJ(max) - Ta] * Өja. Exceeding the maximum
allow able power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature
range.
5. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load
regulation in the load range from 1mA to 150mA(VOUT >2.5V) and 1mA to 80mA(VOUT <2.5V). Changes in output
voltage due to heating effects are covered by the thermal regulation specification.
6. Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal
value measured at 1V differential.
7. Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from
the supply is the sum of the load current plus the ground pin current.
8. Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is
applied, excluding load or line regulation effects. Specifications are for a 150mA load pulse at VIN =12V for t=10mS.
Application Examples
Standard Circuit
Typical Application Circuit 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com