Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD601A Datasheet(PDF) 2 Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

Part # 2SD601A
Description  Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY-MICRO [CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.]
Direct Link  https://www.gmesemi.com/en/
Logo GALAXY-MICRO - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

2SD601A Datasheet(HTML) 2 Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.

  2SD601A Datasheet HTML 1Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. 2SD601A Datasheet HTML 2Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. 2SD601A Datasheet HTML 3Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD. 2SD601A Datasheet HTML 4Page - CHANGZHOU GALAXY CENTURY MICROELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
Silicon Epitaxial Planar Transistor
2SD601A
C116
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10μA,IE=0
60
V
Collector-emitter breakdown
voltage
V(BR)CEO
IC=2mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA,IC=0
7
V
Collector cut-off current
ICBO
VCB=20V,IE=0
0.1
μA
Collector cut-off current
ICEO
VCE=10V,IC=0
100
μA
DC current gain
hFE
VCE=10V,IC=2mA
VCE=2V,IC=100mA
160
90
460
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
0.1
0.3
V
Transition frequency
fT
VCB=10V, IE= -2mA,
f=200MHz
150
MHz
Output capacitance
Cob
VCB=10V, IE=0,f=1MHz
3.5
pF
CLASSIFICATION OF hFE(1)
Rank
Q
R
S
hFE1
160-260
210-340
290-460
Marking
ZQ
ZR
ZS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com