Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1102 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 1102
Description  RS-232 to RS-422, RS-485 Serial Interface Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

1102 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  1102 Datasheet HTML 1Page - Sealevel Systems, Inc. 1102 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
RS-232 to RS-422, RS-485 Serial Interface Converter
Part: 1102 | Model: IC485+
Features
• Configurable for RS-422 or RS-485
• Data rates to 115.2Kbps
• Reliable communication up to 4,000 feet
• Automatic RS-485 enable/disable
• DB-25F connector on RS-232 side
• 6 position screw terminals on RS-422/485 side
• AC adapter included (Item# TR107)
sealevel.com
+1 864.843.4343
SL9662 H22
Specifications
Dimensions
3.8 (L) x 2.3 (W) x 1.0 (H)
Electrical Interface
RS-232, RS-422, RS-485
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
RS-232
Max Data Distance
4000 feet
Max Data Rate
115.2K bps
Operating
Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
1
Power Requirement
5VDC @ 300mA
Serial Connector(s)
Screw Terminals
Storage Temperature
-50°C to 105°C (-58°F to 221°F)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com