Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17529 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 17529
Description  0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17529 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 17529_V01 Datasheet HTML 2Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 9Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
17529
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions TA = 25 °C, VDD = VM = 5.0 V, GND = 0 V, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
POWER (VM1, VM2, VDD)
VM
Motor Supply Voltage
2.0
5.0
6.8
V
VDD
Logic Supply Voltage
2.7
5.0
5.6
V
IQM
Driver Quiescent Supply Current (No Signal Input)
–
–
1.0
μA
IQVDD
Logic Quiescent Supply Current (No Signal Input) (10)
–
–
1.0
mA
IDVDD
ICRES
Operating Power Supply Current
• Logic Supply Current (11)
• Charge Pump Circuit Supply Current (12)
–
–
–
–
3.0
0.7
mA
VDDDET
Low VDD Detection Voltage
(13)
1.5
2.0
2.5
V
RDS(ON)
Driver Output ON Resistance (14)
–
0.7
1.2
Ohms
GATE DRIVE (C1L–C1H, C2L–C2H, CRES)
VCRES
Gate Drive Voltage
12
13
13.5
V
CCP
Recommended External Capacitance (C1L–C1H, C2L–C2H, CRES–
GND)
0.01
0.1
1.0
μF
CONTROL LOGIC (OE, N1A, N1B, N2A, N2B)
VIN
Logic Input Voltage
0.0
–
VDD
V
VIH
VIL
IIH
IIL
IOILOE
Logic Inputs (2.7 V < VDD < 5.7 V)
• High-Level Input Voltage
• Low-Level Input Voltage
• High-Level Input Current
• Low-Level Input Current
• OE Pin Input Current Low
VDD x 0.7
–
–
-1.0
–
–
–
–
–
50
–
VDD x 0.3
1.0
–
100
V
V
μA
μA
μA
Notes
10.
IQVDD includes the current to pre-driver circuit.
11.
IVDD includes the current to pre-driver circuit at fIN = 100 kHz.
12.
At fIN = 20 kHz.
13.
Detection voltage is defined as when the output becomes high-impedance after VDD drops below the detection threshold. When the gate voltage
VCRES is applied from an external source, VCRES = 7.5 V.
14.
Source
+sink at IO = 0.7 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com